Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R03 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R03
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R03 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R03 Datasheet HTML 29Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 30Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 31Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 32Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 33Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 34Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 35Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 36Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
TC9205M
Preliminary Data Sheet
DisFwPres
Whenever backpressure is enabled, in case of extreme congestion (memory
overload) forward pressure is also executed unless deactivated by this bit. Forward
pressure is never executed when backpressure is disabled. Setting this bit to ‘1’ will
disable forward pressure for all half duplex ports. Default is ‘0’.
DisBPBk
Setting this bit to ‘1’ will cause no backoff to be executed when a half duplex port is
in backpressure mode. This means a new collision can be forced immediately after
the previous one if carrier sense is observed. Setting this bit to ‘0’ will enable a very
aggressive backoff to be executed (recommended). Default value is its
corresponding DisBPBk pin value.
FrcFdxFC
Setting this bit to ‘1’ will instruct TC9205M to disregard the auto-negotiation result
for the full duplex flow control ability. Link partner will be considered full duplex flow
control able. This setting is effective only for ports configured in 10/100 Mbps speed
modes. Default is ‘0’.
FrcFdxFCGb
Setting this bit to ‘1’ will instruct TC9205M to disregard the auto-negotiation result
for the full duplex flow control ability. Link partner will be considered able to execute
symmetric and asymmetric towards link partner full duplex flow control. This setting
is effective only for ports configured in 1000 Mbps speed mode. Default is ‘0’.
DirFCAdr
Setting this bit to ‘1’ will enable direct flow control addressing mechanism, otherwise
direct flow control addressing is disabled. Default is ‘0’.
Confidential.
33/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com