Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R03 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R03
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R03 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R03 Datasheet HTML 34Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 35Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 36Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 37Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 38Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 39Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 40Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 41Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
TC9205M
Preliminary Data Sheet
10.3.11
CoS Bandwidth Register
Confidential.
38/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03
- Address: 43h, 44h
CoSBandwidth
Cos0Weight
not used
Cos1Weight
not used
Cos2Weight
not used
Cos3Weight
not used
7 6 5 4 3 2 1 0
15 14 13 12 11 10 9 8
Bit(s)
Field
Description
2 - 0
CoS0Weight
000
3
not used
not used
6 - 4
CoS1Weight
The weight for priority class 1 queue
7
not used
not used
10 - 8
CoS2Weight
The weight for priority class 2 queue
11
not used
not used
14 - 12
CoS3Weight
The weight for priority class 3 queue
15
not used
not used
CoS[y]Weight
This field sets the weight for its associated priority queue. The transmission
bandwidth percentage given to the associated queue is set by the formula below:
3
Queue y’s priority [%] = F(CoS[y]Weight) * 100 /
Σ ( F(CoS[n]Weight) )
n = 0
Note: y ranges in 0 to 3 and F is a tabled function described bellow:
f(“000”) = 1
f(“100”) = 16
f(“001”) = 2
f(“101”) = 32
f(“010”) = 4
f(“110”) = not used
f(“011”) = 8
f(“111”) = not used
10.3.12
Reserved Register
- Address: 45h, 46h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com