Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD Datasheet(PDF) 16 Page - Wavelength Electronics, Inc.

Part # PLD
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD Datasheet(HTML) 16 Page - Wavelength Electronics, Inc.

Back Button PLD Datasheet HTML 12Page - Wavelength Electronics, Inc. PLD Datasheet HTML 13Page - Wavelength Electronics, Inc. PLD Datasheet HTML 14Page - Wavelength Electronics, Inc. PLD Datasheet HTML 15Page - Wavelength Electronics, Inc. PLD Datasheet HTML 16Page - Wavelength Electronics, Inc. PLD Datasheet HTML 17Page - Wavelength Electronics, Inc. PLD Datasheet HTML 18Page - Wavelength Electronics, Inc. PLD Datasheet HTML 19Page - Wavelength Electronics, Inc. PLD Datasheet HTML 20Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
© 2019
www.teamWavelength.com
16
PLD SERIES LASER DIODE DRIVER
CABLE LENGTHS AND HIGH CURRENT
The length and gauge of cable from the power supply or
to the laser diode can impact performance. The resistance
and inductance of the wire can reduce bandwidth or cause
the voltage to the PLD to droop.
If the output current starts to oscillate as setpoint voltage
approaches the limit setting, then the power supply cables
may be too long. If you cannot shorten the cables, place a
330 µF capacitor across pins 10 and 11 to minimize droop.
Always twist the wire pairs to eliminate reactance.
ADD LASER DIODE PROTECTION FOR LONG
CABLES
With a cable longer than two feet, add a Schottky diode
across the laser diode, see
Figure 17.
Laser
Diode
Schottky
Diode
(1N5818)
Cable > 2 feet
12
13
LD Anode
LD Cathode
Figure 17. Long Cable Laser Protection
ADDITIONAL NOISE FILTERING
The PLD drivers provide low-noise current to the laser
diode, but in some cases additional filtering may be needed.
Refer to
Figure 18 for a simple and effective filter.
12
13
LD Anode
LD Cathode
Schottky
Diode
(1N5818)
0.1 µF
10 µF
Figure 18. PLD Output Filter
MONITOR CALIBRATION CIRCUIT
A small offset may be present when measuring the
P Monitor, I Monitor or LIM I Monitor voltage with respect
to the actual output. Use the circuit shown in
Figure 19 to
remove any offset.
Common
Pin 19
+
10 k
10 k
10 k
20 k
-
Monitors
Pin 5, 7, 8
Calibrated
Current
Setpoint
Figure 19. Monitor Calibration Circuit
REVISION F TIMING CHARACTERISTICS
Table 4 and Table 5 describe the timing and bandwidth
characteristics of the PLD Series Revision F units.
Table 4. Output Timing, Revision F
TURN-ON
TIME
TURN-OFF
TIME
SLOWSTART
DELAY
6.8 µsec
6.8 µsec
≥1.5 sec
Table 5. Output Bandwidth, Revision F
MODEL
BANDWIDTH
PLD200
65 kHz
PLD500
100 kHz
PLD1250
100 kHz
PLD5000
100 kHz
PRODUCT VARIATIONS
We design and manufacture our products in-house, and
that gives us the unique ability to modify our drivers and
controllers to suit your application. Our Product Variation
service allows us to quickly and cost-effectively address
your design requests, from prototype quantities to long-
term high-volume manufacturing.
Examples of past Product Variations include:
• Increasing the compliance voltage limit
• Replacing current limit trimpots with fixed-value
resistors to maximize long-term stabilty in an OEM
laser controller system
• Optimizing heatsink size and configuration to fit within
the space constraints of your electronics chassis
• Changing the controller input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com