Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # PLD
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  PLD Datasheet HTML 1Page - Wavelength Electronics, Inc. PLD Datasheet HTML 2Page - Wavelength Electronics, Inc. PLD Datasheet HTML 3Page - Wavelength Electronics, Inc. PLD Datasheet HTML 4Page - Wavelength Electronics, Inc. PLD Datasheet HTML 5Page - Wavelength Electronics, Inc. PLD Datasheet HTML 6Page - Wavelength Electronics, Inc. PLD Datasheet HTML 7Page - Wavelength Electronics, Inc. PLD Datasheet HTML 8Page - Wavelength Electronics, Inc. PLD Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© 2019
www.teamWavelength.com
5
PLD SERIES LASER DIODE DRIVER
PIN DESCRIPTIONS
Table 1. Pin Descriptions
PIN
NAME
PIN DESCRIPTION
1
Aux V+
For TYPE C Laser Diodes only. See
Figure 11 on page 11.
2
PD Aux
For TYPE C Laser Diodes only. See
Figure 11.
3
LD Enable
Output Enable. Disable = ground or floating. Enable = 3 to 5 V.
Requires 5 mA input current. Not TTL-compatible.
4
LIM I Status
Status output pin. Indicates if the driver has reached current limit and has switched off the output.
Signal is < 0.3 V if the driver is in limit and output is latched off. Signal is high impedance during
normal operation. Toggle LD Enable to reset the limit circuit and enable the output current.
5
LIM I Monitor
Current Limit Monitor. Transfer function varies by model—refer to
Table 2.
Range 0 to 2.5 V. Impedance 1 kΩ. The current limit voltage should be set 0.2 V above the desired
limit level. Instructions for fine-tuning the current limit are on
page 14.
6
Common
Measurement ground. Low current return used only with Monitor pins and Analog Input.
Internally shorted to GND (pin 11).
7
I Monitor
Laser Diode Output Current Monitor. Transfer function varies by model—refer to
Table 2.
Range 0 to 2.5 V. Impedance 1 kΩ.
NOTE: I Monitor signal has artificial 20 mV offset. Subtract 20 mV for accurate reading.
8
P Monitor
Photodiode Current Monitor (power monitor). Transfer function varies by PD feedback range
setting—refer to
Table 2. Range 0 to 2.5 V. Impedance 1 kΩ.
9
Analog Input
Remote setpoint or modulation input. Transfer function varies by model and operating mode—refer
to
Table 2. Range 0 to 5 V. Impedance 1 MΩ. Not TTL-compatible. Connect Analog Input pin to
Common (pin 6) when not using the Analog Input function. The Analog Input signal sums with the
onboard setpoint value. See
Electrical Specifications for damage threshold information.
10
+5 V
Supply voltage to control electronics. Range 4.5 to 5.5 VDC. If using a single supply, the power
supply must be rated to source at least 1.1-times the laser current plus the PLD quiescent current.
11
GND
Power supply ground. Used with +5 V for high current return.
12
LD Anode /
+LD Supply
Laser Diode Anode connection. Also used as power supply input for high-compliance lasers.
Maximum input voltage 30 VDC.
13
LD Cathode
Laser Diode Cathode connection.
14
PD Anode
Photodiode Anode connection only for Type A & B lasers. Tie this pin to PD Aux (pin 2) for Type C
lasers; see
Figure 11 on page 11.
15
PD Cathode
Photodiode Cathode connection only for Type C lasers. See
Figure 11.
Table 2. Current Output Monitor, Limit Monitor, Photodiode Current Monitor, and
Analog Input Transfer Functions
FUNCTION
MODE
PLD200
PLD500
PLD1250
PLD5000
PLD6500
LIM I Monitor (Current Limit)
CC / CP
80 mA / V
200 mA / V
500 mA / V
2 A / V
2.6 A / V
I Monitor (Output Current)
CC / CP
80 mA / V
200 mA / V
500 mA / V
2 A / V
2.6 A / V
Analog Input; CC-Mode
CC
40 mA / V
100 mA / V
250 mA / V
1 A / V
1.3 A / V
P Monitor (Photodiode Current);
Low Range
CC / CP
200 µA / V
P Monitor (Photodiode Current);
High Range See Note
CC / CP
2 mA / V
Analog Input CP-Mode;
Low Range
CP
100 µA / V
Analog Input, CP-Mode;
High Range See Note
CP
1 mA / V
Note: High Range is not available when using Type C Lasers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com