Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD Datasheet(PDF) 12 Page - Wavelength Electronics, Inc.

Part # PLD
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD Datasheet(HTML) 12 Page - Wavelength Electronics, Inc.

Back Button PLD Datasheet HTML 8Page - Wavelength Electronics, Inc. PLD Datasheet HTML 9Page - Wavelength Electronics, Inc. PLD Datasheet HTML 10Page - Wavelength Electronics, Inc. PLD Datasheet HTML 11Page - Wavelength Electronics, Inc. PLD Datasheet HTML 12Page - Wavelength Electronics, Inc. PLD Datasheet HTML 13Page - Wavelength Electronics, Inc. PLD Datasheet HTML 14Page - Wavelength Electronics, Inc. PLD Datasheet HTML 15Page - Wavelength Electronics, Inc. PLD Datasheet HTML 16Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
© 2019
www.teamWavelength.com
12
PLD SERIES LASER DIODE DRIVER
ONBOARD ADJUSTMENTS AND CONTROLS
Onboard controls are on the top of the PLD and must be set
according to the operation mode. The controls are illustrated
in
Figure 12.
Electronics
avelength
PLD SERIES
P
L
PD RANGE
H
I
MODE
Operating Mode *
Output Adjust (12-turn)
Current Limit Adjust (12-turn)
Output Enabled LED (Green = On)
Current Limit Status
(Red = Current Latched Off)
PD Range *
L = 15 – 500 µA
H = 50 – 5000 µA
P = Constant Power
I = Constant Current
LASER DIODE
DRIVER
OUTPUT
ADJUST
LIMIT I
ADJUST
OUTPUT
ENABLED
LIMIT I
15
1
* DO NOT change switch positions while the output
is enabled; Doing so may damage the laser diode.
PD Cathode
PD Anode
LD Cathode
LD Anode/+LD Supply
GND
+5V
Analog Input
P Monitor
I Monitor
Common
LIM I Monitor
LIM I Status
LD Enable
PD Aux
Aux V+
!
14
13
12
11
10
9
8
7
6
5
4
3
2
Figure 12. PLD Driver Adjustments and Controls
SET THE CONTROL MODE
Set the MODE switch to P (left) for CP-mode operation, or
to I (right) for CC-mode. Constant Power mode operation
requires a photodiode feedback loop from the laser diode.
! Donotswitchthecontrolmodewhiletheoutputis
enabledanddrivingalaserdiode.Thelaserdiode
may be damaged or destroyed.
SET THE PHOTODIODE RANGE
Two photodiode feedback current ranges are available on
the PLD drivers. Reference the datasheet for your laser
diode to find the nominal photodiode current, and set the
PD RANGE switch as follows:
• L (left) = Low Range, PD current 15 – 500 µA
• H (right) = High range; PD current 50 – 5000 µA
! DonotswitchthePDRangewhiletheoutputis
enabledanddrivingalaserdiode.Thelaserdiode
may be damaged or destroyed.
CALCULATE THE MONITOR VOLTAGES
Refer to the datasheet for your laser to determine the
maximum forward current, and calculate the LIM I Monitor
voltage using this equation and the transfer function found
in
Table 2 on page 5:
V
LIM I Mon = ILIMIT / Transfer Function
If you are using the PLD in Constant Current mode, calculate
the monitor voltage for the drive current setpoint. Refer
to the datasheet for your laser to determine the nominal
forward current, and calculate the I Monitor voltage using
the transfer function found in
Table 2:
V
I_MON = ILD / Transfer Function
If you are using the PLD in Constant Power mode, calculate
the P Monitor voltage. Refer to the laser diode datasheet
to determine the nominal photodiode current at the desired
operating point. Calculate the P Monitor voltage using the
transfer function found in
Table 2:
V
P_MON = IPD / Transfer Function
SET THE CURRENT LIMIT
Connect the positive lead of the digital voltmeter to the
LIM I Monitor terminal or evaluation board test point, and
the negative lead to the COMMON terminal.
Reference
Figure 7 for switch and control locations on the
PLDEVALPCB board. Configure the PLD and PLDEVALPCB
board:
• Set the OUTPUT switch to LASER DISABLE
• Set the POWER switch to ON
• Set the MONITOR switch to I MONITOR
• Set the OUTPUT ADJUST trimpot to zero by turning at
least 12 turns counter-clockwise.
• Set the current limit by turning the LIMIT I ADJUST
trimpot until the voltage displayed on the multimeter
matches the value calculated above.
Switch off power on the evaluation board, then switch off
the power supply.
The PLD controllers trip the current limit circuit below the
expected limit level, by 0.2 V on the monitor. To trip the
current limit at exactly the desired current level, refer to
Set the Current Limit More Accurately on page 14 to
fine-tune the current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com