Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD Datasheet(PDF) 14 Page - Wavelength Electronics, Inc.

Part # PLD
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD Datasheet(HTML) 14 Page - Wavelength Electronics, Inc.

Back Button PLD Datasheet HTML 10Page - Wavelength Electronics, Inc. PLD Datasheet HTML 11Page - Wavelength Electronics, Inc. PLD Datasheet HTML 12Page - Wavelength Electronics, Inc. PLD Datasheet HTML 13Page - Wavelength Electronics, Inc. PLD Datasheet HTML 14Page - Wavelength Electronics, Inc. PLD Datasheet HTML 15Page - Wavelength Electronics, Inc. PLD Datasheet HTML 16Page - Wavelength Electronics, Inc. PLD Datasheet HTML 17Page - Wavelength Electronics, Inc. PLD Datasheet HTML 18Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
© 2019
www.teamWavelength.com
14
PLD SERIES LASER DIODE DRIVER
REMOTE LIMIT STATUS LED CIRCUIT
The LIM I Status feature can be used to drive a remote LED
up to 15 mA in your control system. Connect the LED as
shown in
Figure 13.
4
LIM I Status
+5V 10
Figure 13. Remote LIM I Status LED
SET THE CURRENT LIMIT MORE ACCURATELY
The current limit circuit is designed with a small hysteresis,
which causes the limit circuit to trip at a slightly lower current
than calculated. To fine-tune the current limit, a small offset
voltage must be factored in. Use this equation to calculate
the hysteresis offset, where V
+5V is the supply voltage:
Offset (V) = (V
+5V – VI_MON) / 25.9
Then add the Offset to V
LIMIT calculated on page 12.
CHANGE THE PHOTODIODE RANGE,
TYPE A & B LASERS
The photodiode current range and transfer function can be
adjusted by adding an external resistor. This feature is useful
when the photodiode current of your laser falls in a range
that does not allow maximum measurement sensitivity on
the PLD driver.
Figure 14 shows the internal resistor network of the PLD
and the equations explain the interaction with the external
resistor.
14
6
PD Range
Switch
554
5 k
PD Range = L
µ
A
µ
A / V
PD Range = H
2.5 V * 106
R || 500 Ω
Range =
µ
A
µ
A / V
6
R || 500 Ω
10
Transfer
Function =
2.5 V * 106
R || 5 kΩ
Range =
6
R || 5 kΩ
10
Transfer
Function =
R || 5 kΩ
R + 5000
R * 5000
=
R || 500 Ω
R + 500
R * 500
=
PD Anode
COMMON
R
Internal Electronics
External Electronics
Figure 14. Adjusting the PD Range,
Type A & B Lasers
CHANGE THE PHOTODIODE RANGE,
TYPE C LASERS
The photodiode range and transfer function can be adjusted
when using Type C lasers by connecting a ¼ W resistor
between the PD Cathode (pin 15) and AUX V+ (pin 1).
The PD current range is calculated (units are amps):
Range = 2.5 V / (R || 5 kΩ)
The transfer function is calculated (units are A / V):
Transfer Function = 1 / (R || 5 kΩ)
The value of (R || 5 kΩ) is calculated as follows (units are Ω):
(R || 5 kΩ) = (R * 5000) / (R + 5000)
ADDITIONAL TECHNICAL
INFORMATION
This section includes useful technical information on these
topics:
• Remote Limit Status LED Circuit
• Set the Current Limit More Accurately
• Change the Photodiode Range, Type A & B Lasers
• Change the Photodiode Range, Type C Lasers
• Change the Analog Input Modulation Transfer Function
• External Setpoint Circuit
• Ground the Fan on the PLD1250, PLD5000, and
PLD6500
• Fine Tune Deep Modulation
• Cable Lengths and High Current
• Add Laser Diode Protection for Long Cables
• Additional Noise Filtering
• Monitor Calibration Circuit
• Revision F Timing Characteristics
• Product Variations
• Output On/Off and Current Limit Timing
• Safe Operating Area Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com