Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD Datasheet(PDF) 9 Page - Wavelength Electronics, Inc.

Part # PLD
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD Datasheet(HTML) 9 Page - Wavelength Electronics, Inc.

Back Button PLD Datasheet HTML 5Page - Wavelength Electronics, Inc. PLD Datasheet HTML 6Page - Wavelength Electronics, Inc. PLD Datasheet HTML 7Page - Wavelength Electronics, Inc. PLD Datasheet HTML 8Page - Wavelength Electronics, Inc. PLD Datasheet HTML 9Page - Wavelength Electronics, Inc. PLD Datasheet HTML 10Page - Wavelength Electronics, Inc. PLD Datasheet HTML 11Page - Wavelength Electronics, Inc. PLD Datasheet HTML 12Page - Wavelength Electronics, Inc. PLD Datasheet HTML 13Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© 2019
www.teamWavelength.com
9
PLD SERIES LASER DIODE DRIVER
INSTALL THE PLD ON THE PLDEVALPCB BOARD
Align the pins on the PLD with the plated holes on the
evaluation board, making sure all pins are aligned before
seating the PLD on the board.
Insert the 4-40 x ¼” screw through the bottom of the printed
circuit board into the heatsink, and tighten. Solder the PLD
pins to the PLDEVALPCB board.
It is essential to mechanically secure the PLD to the circuit
board with a 4-40 x ¼” screw. The electrical pins alone do not
provide sufficient mechanical strength to secure the PLD to
the circuit board.
The PLD heatsink can be grounded by connecting a wire to
the 4-40 mounting screw and then to the chassis or system
ground. Grounding the heatsink will reduce the electrical
noise generated by the fan on the PLD1250, PLD5000, and
PLD6500.
CONFIGURE THE PLDEVALPCB BOARD FOR
YOUR APPLICATION
On the PLDEVALPCB evaluation board, configure the two
jumper bars. Refer to
Figure 7.
• Laser Type-Select Jumper. Remove the jumper for
Type A/B laser operation. Install the jumper to tie pin 14
to pin 2 for Type C laser operation. The factory default
configuration is with the jumper removed.
• LD Power Supply Jumper. To operate the PLD and
laser from a single 5 VDC power supply, install this
jumper. If you are operating a high-compliance laser
with a separate power supply, remove the jumper. The
factory default configuration is with the jumper installed.
PD CATHODE
PD ANODE
LD CATHODE
LD ANODE/
+LD SUPPLY
+5V
P MONITOR
I MONITOR
COMMON
LIM I MONITOR
LIM I STATUS
GND
ANALOG INPUT
LD ENABLE
PD AUX
AUX V+
15
14
13
12
10
8
7
6
5
4
11
9
3
2
1
1
Power
2.5 mm Power Input Jack
Internally Connected to Pins 10 and 11;
Use with PWRPAK-5V power supply
Output
Current
Monitor
Select
Laser-Type
Jumper
Power Supply
Jumper
Test Points
Power-On LED
(Green = ON)
Electronics
avelength
PLD SERIES
P
L
PD RANGE
H
I
MODE
LASER DIODE
DRIVER
OUTPUT
ADJUST
LIMIT I
ADJUST
OUTPUT
ENABLED
LIMIT I
Use minimum 22 AWG wire for
connections to screw terminals.
Figure 7. PLDEVALPCB Evaluation Board
WIRE THE PLD LASER DRIVER
Refer to
Table 3 for wiring instructions specific to your
configuration. For setup and configuration use a test load.
The same wiring instructions apply whether the PLD is used
on the PLDEVALPCB board or installed on a circuit board.
Table 3. Wiring Configurations
CONFIGURATION
DIAGRAM
Type A & B Laser Diode,
Single 5 VDC Power Supply
Figure 8
Type A & B Laser Diode,
High-Compliance Laser Diode
Figure 9
Type A & B Laser Diode,
Negative Supply Operation
Figure 10
Type C Laser Diode,
Single Power Supply
Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com