Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6251D6G-R Datasheet(PDF) 4 Page - SHOUDING Shouding Semiconductor

Part # SD6251D6G-R
Description  5V, 2.5A 550KHz High Efficiency Low Ripple Synchronous Step-Up Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD6251D6G-R Datasheet(HTML) 4 Page - SHOUDING Shouding Semiconductor

  SD6251D6G-R Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
85T
Absolute Maximum Ratings (Note 1)
● Supply Voltage V
IN --------------------------------------------------------------------------------------------- -0.3V to +6.5V
● LX Voltage V
LX -------------------------------------------------------------------------------------------------- -0.3V to +6.5V
● All Other Pins Voltage ----------------------------------------------------------------------------------------- -0.3V to +6.5V
● Maximum Junction Temperature (T
J) --------------------------------------------------------------------- +150°C
● Storage Temperature (T
S) ----------------------------------------------------------------------------------- -65°C to +150°C
● Lead Temperature (Soldering, 10sec.) ------------------------------------------------------------------- +260°C
● Package Thermal Resistance (θ
JA)
SOT-23-6
---------------------------------------------------------------------------------------------- +250°C/W
● Package Thermal Resistance (θ
JC)
SOT-23-6
---------------------------------------------------------------------------------------------- +130°C/W
Note 1:Stresses beyond this listed
under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Supply Voltage V
IN --------------------------------------------------------------------------------------------- +2.5V to +5.5V
● Output Voltage Range ---------------------------------------------------------------------------------------- up to +5.25V
● Operation Temperature Range ------------------------------------------------------------------------------ -40°C to +85°C
SD6251
http://www.sdw-tw.com
Ver 1.0 Oct 2012



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com