Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6251D6G-R Datasheet(PDF) 1 Page - SHOUDING Shouding Semiconductor

Part # SD6251D6G-R
Description  5V, 2.5A 550KHz High Efficiency Low Ripple Synchronous Step-Up Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD6251D6G-R Datasheet(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SD6251D6G-R Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
6 and marking
Ver 1.0 Oct 2012
http://www.sdw-tw.com
23
G
D6
Package (SOT
R: Tape/Reel
SD6251
□
SD6251
The SD6251 is ava
The SD6251 is a high efficiency, fixed frequency
SD6251
1
85T
5V,
0KHz High Efficiency Low Ripple
Synchronous Step-Up Converter
Pin Assignments
-23-6)
(Marking)
2
1
3
6
4
5
LX
VIN
GND
OUT EN
FB
Figure 1. Pin Assignment of
Description
550KHz, current mode PWM boost DC/DC converter
which could operate battery such as input voltage
down to 2.5V.
The converter output voltage can be
adjusted to a maximum of 5.25V by an external
resistor divider.
Besides the converter includes a
0.08Ω N-channel MOSFET switch and 0.12Ω
P-channel synchronous rectifier.
So no external
Schottky diode is required and could get better
efficiency near 93%.
The converter is based on a fixed frequency, current
mode, pulse-width-modulation PWM controller that
goes automatically into PSM mode at light load.
When converter operation into discontinuous mode,
the
internal
anti-ringing
switch
will
reduce
interference and radiated electromagnetic energy.
ilable in a space-saving SOT-23-6
package for portable application.
Features
High Efficiency up to 93%
Low RDS(ON) Integrated Power MOSFET
NMOS 80mΩ / PMOS120mΩ
Wide Input Voltage Range: 2.5V to 5.5V
Fixed 550KHz Switching Frequency
Low-Power Mode for Light Load Conditions
±2.0% Voltage Reference Accuracy
PMOS Current Limit for Short Circuit Protection
Low Quiescent Current
Output Ripple under 200mV. (Scope Full
Bandwidth)
Fast Transient Response
Built-In Soft Start Function
Over-Temperature Protection with Auto Recovery
Output Overvoltage Protection
Space-Saving SOT-23-6 Package
Applications
Portable Power Bank
Wireless Equipment
Handheld Instrument
GPS Receiver
Ordering Information
: Green
Package Type
: SOT-
-
□
□
□
2.5A 55


Similar Part No. - SD6251D6G-R

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD6209 SHOUDING-SD6209 Datasheet
1Mb / 10P
Non-Synchronous PWM Boost Controller
logo
Pan Jit International I...
SD620CS PANJIT-SD620CS Datasheet
34Kb / 2P
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 6.0 Amperes)
logo
Won-Top Electronics
SD620CS WTE-SD620CS Datasheet
45Kb / 3P
6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SD620CS PANJIT-SD620CS Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD620CS PANJIT-SD620CS Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SD6251D6G-R

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev0, 13-May-08
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
ACT6305 ACTIVE-SEMI-ACT6305_12 Datasheet
390Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 3, 15-Nov-12
logo
Monolithic Power System...
MP3410 MPS-MP3410 Datasheet
377Kb / 10P
1.3A, 550kHz Synchronous Rectified Step-up Converter
logo
Linear Technology
LTC3122EDE LINER-LTC3122EDE Datasheet
122Kb / 6P
High Efficiency 15V 2.5A Synchronous Step-Up Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1087 ETA-ETA1087 Datasheet
190Kb / 1P
5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1089 ETA-ETA1089 Datasheet
189Kb / 1P
5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1483B ETA-ETA1483B Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM6356 HMSEMI-HM6356 Datasheet
643Kb / 9P
5V, 2.5A, 550KHz High Efficiency Low Ripple Synchronous Step-Up Converter
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com