Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6251D6G-R Datasheet(PDF) 6 Page - SHOUDING Shouding Semiconductor

Part # SD6251D6G-R
Description  5V, 2.5A 550KHz High Efficiency Low Ripple Synchronous Step-Up Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD6251D6G-R Datasheet(HTML) 6 Page - SHOUDING Shouding Semiconductor

  SD6251D6G-R Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SD6251
The SD6251 is designed for high efficiency over
6
85T
Application Information
Controller Circuit
The device is based on a current-mode control
topology
and
uses
a
constant
frequency
pulse-width modulator to regulate the output
voltage.
The controller limits the current through
the power switch on a pulse by pulse basis.
The
current sensing circuit is integrated in the device;
therefore, no additional components are required.
Due to the nature of the boost converter topology
used here, the peak switch current is the same as
the peak inductor current, which will be limited by
the integrated current limiting circuits under normal
operating conditions.
Synchronous Rectifier
The device integrates an N-channel and a P-
channel
MOSFET
transistor
to
realize
a
synchronous rectifier.
There is no additional
Schottky diode required.
Because the device
uses a integrated low RDS(ON) PMOS switch for
rectification,
the
power
conversion
efficiency
reaches 93%.
A special circuit is applied to disconnect the load
from the input during shutdown of the converter.
In conventional synchronous rectifier circuits, the
backgate diode of the high-side PMOS is forward
biased in shutdown and allows current flowing from
the battery to the output.
This device, however,
uses a special circuit to disconnect the backgate
diode of the high-side PMOS and so, disconnects
the output circuitry from the source when the
regulator is not enabled (EN=low).
PSM Mode
wide output current range.
Even at light load, the
efficiency stays high because the switching losses
of the converter are minimized by effectively
reducing the switching frequency.
The controller
will enter a power saving mode if certain conditions
are met.
In this mode, the controller only switches
on the transistor if the output voltage trips below a
set threshold voltage.
It ramps up the output
voltage with one or several pulses, and goes again
into PSM mode once the output voltage exceeds a
set threshold voltage.
Device Enable
The device will be shut down when EN is set to
GND.
In this mode, the regulator stops switching,
all internal control circuitry including the low-battery
comparator will be switched off, and the load will be
disconnected from the input (as described in above
synchronous rectifier section).
This also means
that the output voltage may drop below the input
voltage during shutdown.
The device is put into operation when EN is set
high.
During start-up of the converter, the duty
cycle is limited in order to avoid high peak currents
drawn from the battery.
The limit is set internally
by the current limit circuit.
Anti-Ringing Switch
The device integrates a circuit which removes
the ringing that typically appears on the SW node
when the converter enters the discontinuous
current mode.
In this case, the current through
the inductor ramps to zero and the integrated
PMOS switch turns off to prevent a reverse
current from the output capacitors back to the
battery.
Due to remaining energy that is stored
in parasitic components of the semiconductors
and the inductor, a ringing on the SW pin is
induced.
The integrated anti-ringing switch
clamps this voltage internally to VIN; therefore,
dampens this ringing.
Adjustable Output Voltage
The accuracy of the output voltage is determined by
the accuracy of the internal voltage reference, the
controller topology, and the accuracy of the external
resistor.
The reference voltage has an accuracy of
± 2%.
The controller switches between fixed
frequency and PSM mode, depending on load
current.
The tolerance of the resistors in the
feedback divider determines the total system
accuracy.
Design Procedure
The
boost converter family is intended for
systems that are powered by a single-cell Ion
battery with a typical terminal voltage between 3V
to 4.2V.
SD6251
http://www.sdw-tw.com
Ver 1.0 Oct 2012



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com