Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6251D6G-R Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD6251D6G-R
Description  5V, 2.5A 550KHz High Efficiency Low Ripple Synchronous Step-Up Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD6251D6G-R Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD6251D6G-R Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
85T
Typical Application Circuit
VOUT
VIN
EN
GND
LX
FB
OUT
L1
10μH
C1
10μF
C4, C6
0.1μF
R1
525K
R2
100K
6
2
4
1
5
3
VIN
5V/1A
2.5V to 5.5V
OFF
ON
C3, C5
22μF
C2
0.1μF
Figure 2. Typical Application Circuit
Functional Pin Description
Pin Name
Pin No.
Pin Function
EN
4
Logic Controlled Shutdown Input.
GND
2
Ground Pin.
LX
1
Power Switching Connection.
Connect LX to the inductor and output rectifier.
VIN
6
Power Supply Input Pin.
OUT
5
Output of the Synchronous Rectifier.
FB
3
Voltage Feedback Input Pin.
SD6251
SD6251
SD6251
http://www.sdw-tw.com
Ver 1.0 Oct 2012



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com