Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6251D6G-R Datasheet(PDF) 7 Page - SHOUDING Shouding Semiconductor

Part # SD6251D6G-R
Description  5V, 2.5A 550KHz High Efficiency Low Ripple Synchronous Step-Up Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD6251D6G-R Datasheet(HTML) 7 Page - SHOUDING Shouding Semiconductor

  SD6251D6G-R Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD6251D6G-R Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SD6251
7
85T
Application Information (Continued)
(1) Programming the Output Voltage
The output voltage of the
can be
adjusted with an external resistor divider.
The
typical value of the voltage on the FB pin is
800mV in fixed frequency operation.
The
maximum allowed value for the output voltage is
5.5V.
The current through the resistive divider
should be about 100 times greater than the
current into the FB pin.
The typical current into
the FB pin is 0.01µA, and the voltage across R2
is typically 800mV. Based on those two values,
the recommended value for R2 is in the range of
8
00kΩ in order to set the divider current at 1µA.
From that, the value of resistor R1, depending
on the needed output voltage (VO), can be
calculated using Equation 1.
R1 R2
O T
F
-
1
800kΩ
O T
800m
-
1 …..(1)
(2) Inductor Selection
A boost converter normally requires two main
passive components for storing energy during
the conversion.
A boost inductor is required
and a storage capacitor at the output.
To select
the boost inductor, it is recommended to keep
the possible peak inductor current below the
current limit threshold of the power switch in the
chosen configuration.
The second parameter for choosing the inductor
is the desired current ripple in the inductor.
Normally, it is advisable to work with a ripple of
less than 20% of the average inductor current.
A smaller ripple reduces the magnetic hysteresis
losses in the inductor, as well as output voltage
ripple and EMI.
But in the same way, regulation
time at load changes rises.
In addition, a larger
inductor increases the total system cost.
With
those parameters, it is possible to calculate the
value for the inductor by using Equation 2.
N
O T- N
O T
…..(2)
Parameter
is the switching requency and Δ
L is
the ripple current in the inductor, i.e, 20% x IL.
With this calculated value and currents, it is
possible to choose a suitable inductor.
Care must
be taken that load transients and losses in the
circuit can lead to higher currents.
Also, the
losses in the inductor caused by magnetic
hysteresis losses and copper losses are a major
parameter for total circuit efficiency.
(3) Capacitor Selection
The major parameter necessary to define the
output capacitor is the maximum allowed output
voltage ripple of the converter.
This ripple is
determined by two parameters of the capacitor,
the capacitance and the ESR.
It is possible to
calculate the minimum capacitance needed for
the defined ripple, supposing that the ESR is zero,
by using Equation 3.
M N
O T
O T- N
O T
…..(3)
Parameter f is the switching frequency and △V is
the maximum allowed ripple.
The total ripple is larger due to the ESR of the
output capacitor.
This additional component of
the ripple can be calculated using Equation 4.
ESR
O T RESR …..(4)
The total ripple is the sum of the ripple caused by
the capacitance and the ripple caused by the ESR
of the capacitor.
It is possible to improve the
design by enlarging the capacitor or using smaller
capacitors in parallel to reduce the ESR or by using
better capacitors with lower ESR, like ceramics.
Tradeoffs must be made between performance and
costs of the converter circuit.
A 10µF input capacitor is recommended to
improve transient behavior of the regulator.
A
ceramic or tantalum capacitor with a 100nF in
parallel placed close to the IC is recommended.
SD6251
http://www.sdw-tw.com
Ver 1.0 Oct 2012



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com