Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25R256DFIS Datasheet(PDF) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIS Datasheet(HTML) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
20
5. Address, Continuous Read Mode bits, Dummy bits, Manufacture ID and Device ID
IO0 = (A20, A16, A12, A8, A4, A0,
M4, M0,
x, x, x, x,
MI
D4, MID0, DID4, DID0, …)
IO1 = (A21, A17, A13, A9, A5, A1,
M5, M1,
x, x, x,
x, MID5, MID1, DID5, DID1, …)
IO2 = (A22, A18, A14, A10, A6, A2, M6, M2,
x, x, x,
x, MID6, MID2, DID6, DID2, …)
IO3 = (A23, A19, A15, A11, A7, A3, M7, M3,
x, x, x, x,
MID7,
MID3, DID7, DID3, …)
6. Security Registers Address
Security Register1: A23-A16=00H, A15-A12=1H, A11=0b, A10-A0= Byte Address;
Security Register2: A23-A16=00H, A15-A12=2H, A11=0b, A10-A0= Byte Address;
Security Register3: A23-A16=00H, A15-A12=3H, A11=0b, A10-A0= Byte Address.
Table of ID Definitions:
GD25R256D
Operation Code
MID7-MID0
ID15-ID8
ID7-ID0
9FH
C8
40
19
90H
C8
18
ABH
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com