Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25R256DFIS Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIS Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIS Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
10
5. DATA PROTECTION
The GD25R256D provides the following data protection methods:
◆
Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL bit will
return to reset by the following situation:
-Power-Up/Software reset (66H+99H)
-Write Disable (WRDI)
-Write Status Register (WRSR)
-Page Program (PP)
-Quad Page Program (QPP)
-Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE)
◆
Software Protection Mode:
-The Block Protect (BP3, BP2, BP1, and BP0) bits and Top Bottom (TB) bit define the section of the memory array
that can be read but cannot be change.
◆
Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from Deep
Power-Down Mode command and software reset (66H+99H).
Table 6. GD25R256D Protected area size
Status Register Content
Memory Content
TB
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
X
0
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
511
01FF0000h-01FFFFFFh
64KB
Upper 1/512
0
0
0
1
0
510 to 511
01FE0000h-01FFFFFFh
128KB
Upper 1/256
0
0
0
1
1
508 to 511
01FC0000h-01FFFFFFh
256KB
Upper 1/128
0
0
1
0
0
504 to 511
01F80000h-01FFFFFFh
512KB
Upper 1/64
0
0
1
0
1
496 to 511
01F00000h-01FFFFFFh
1MB
Upper 1/32
0
0
1
1
0
480 to 511
01E00000h-01FFFFFFh
2MB
Upper 1/16
0
0
1
1
1
448 to 511
01C00000h-01FFFFFFh
4MB
Upper 1/8
0
1
0
0
0
384 to 511
01800000h-01FFFFFFh
8MB
Upper 1/4
0
1
0
0
1
256 to 511
01000000h-01FFFFFFh
16MB
Upper 1/2
1
0
0
0
1
0
00000000h-0000FFFFh
64KB
Lower 1/512
1
0
0
1
0
0 to 1
00000000h-0001FFFFh
128KB
Lower 1/256
1
0
0
1
1
0 to 3
00000000h-0003FFFFh
256KB
Lower 1/128
1
0
1
0
0
0 to 7
00000000h-0007FFFFh
512KB
Lower 1/64
1
0
1
0
1
0 to 15
00000000h-000FFFFFh
1MB
Lower 1/32
1
0
1
1
0
0 to 31
00000000h-001FFFFFh
2MB
Lower 1/16
1
0
1
1
1
0 to 63
00000000h-003FFFFFh
4MB
Lower 1/8
1
1
0
0
0
0 to 127
00000000h-007FFFFFh
8MB
Lower 1/4
1
1
0
0
1
0 to 255
00000000h-00FFFFFFh
16MB
Lower 1/2
X
1
1
0
X
ALL
00000000h-01FFFFFFh
32MB
ALL
X
1
X
1
X
ALL
00000000h-01FFFFFFh
32MB
ALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com