Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25R256DFIS Datasheet(PDF) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIS Datasheet(HTML) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
14
DRV1, DRV0 bits
The DRV1&DRV0 bits are used to determine the output driver strength for the Read operations.
Table 11 Driver Strength for Read Operations
DRV1,DRV0
Driver Strength
00
100%
01
75% (Default)
10
50%
11
25%
Reserved bit
It is recommended to set the value of the reserved bit
as “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com