Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25R256DFIS Datasheet(PDF) 70 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIS Datasheet(HTML) 70 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIS Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
70
Table 25. Parameter Table (3): GigaDevice RPMC Parameter Tables
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
Flash_Hardening
0=support
1=not support
E3H:E0H
00
0b
F0969B
38H
MC_Size
0=Monotonic counter size is 32bit
1=Reserved
01
0b
Busy_Polling_Method
0=Poll for OP1 busy using OP2
Extended Status[0]
1=Poll for OP1 busy using Status
02
0b
Reserved
Must be 1
03
1b
Num_counter-1
Number of supported counters-1
07:04
3H
OP1 Opcode
Suggested value 9Bh
15:08
9BH
OP2 Opcode
Suggested value 96h
23:16
96H
Update_Rate
Rate of
Update=5*(2**Update_Rate)
seconds
27:24
0H
Reserved
Must be 0FH
31:28
FH
Read Counter Polling Delay
Polling delay_read counter
E7H:E4H
04:00
1H
FFA3C
1C1H
Units(00=1us, 01=16us, 10=128us,
11=1ms)
06:05
2H
Reserved
07
1H
Write Counter Polling Short Delay
Polling_short_delay_write_counter
12:08
1H
Units(00=1us, 01=16us, 10=128us,
11=1ms)
14:13
2H
Reserved
15
1H
Write Counter Polling Long Delay
Polling_long_delay_write_counter
20:16
03H
Units(00=1ms, 01=16ms,
10=128ms, 11=1s)
22:21
1H
Reserved
23
1H
Reserved
Must be FFH
31:24
FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com