Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25R256DFIS Datasheet(PDF) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIS Datasheet(HTML) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
12
WEL bit
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1 the internal
Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write Status Register, Program or
Erase command is accepted.
TB bit
The Top Bottom (TB) bit is non-volatile (OTP). The Top/Bottom (TB) bit is used to configure the Block Protect area by
BP bit (BP3, BP2
, BP1, and BP0), starting from Top or Bottom of the memory array. The TB bit is defaulted as “0”, which
means Top area protect. When it is set to “1”, the protect area will change to Bottom area of the memory device. This bit is
written with the Write Status Register (WRSR) command.
BP3, BP2, BP1, BP0 bits
The Block Protection (BP3, BP2, BP1, and BP0) bits are non-volatile. They define the size of the area to be software
protected against Program and Erase commands. These bits are written with the Write Status Register (WRSR) command.
When the Block Protect (BP3, BP2, BP1, and BP0) bits are set to 1, the relevant memory area becomes protected against
Page Program (PP), Sector Erase (SE) and Block Erase (BE) commands. The Chip Erase (CE) command is executed, only
if the Block Protect (BP3, BP2, BP1, and BP0) bits are 0.
SRP1, SRP0 bit
The Status Register Protect (SRP1 and SRP0) bits are non-volatile Read/Write bits in the status register. The SRP
bits control the method of the write protection: software protected, power supply lock-down or one time programmable.
Table 10 Status Register Protect (SRP) bit
SRP1
SRP0
Status Register
Description
0
0
Software Protected
The Status Register can be written to after a Write
Enable command, WEL=1.(Default)
1
0
Power Supply Lock-Down(1) (2)
Status Register is protected and cannot be written to
again until the nest Power-Down, Power-Up cycle
1
1
One Time Program(2)
Status Register is permanently protected and cannot to
written to.
NOTE:
1. When SRP1, SRP0 = (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state.
2. This feature is available on special order. Please contact GigaDevice for details.
QE bit
The Quad Enable (QE) bit is a non-volatile bit in the Status Register that allows Quad operation. The default value of
QE bit is 1 and it cannot be changed, so that the IO2 and IO3 pins are enabled all the time.
LB3, LB2, LB1 bits.
The LB3, LB2, LB1 bits are non-volatile One Time Program (OTP) bits in Status Register (S11, S12, S13) that provide
the write protect control and status to the Security Registers. The default state of LB3-LB1 are 0, the security registers are
unlocked. The LB3-LB1 bits can be set to 1 individually using the Write Register instruction. The LB3-LB1 bits are One Time
Programmable, once they are set to 1, the Security Registers will become read-only permanently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com