Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2467 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2467
Description  Drive DC brush motor or inductor or other load
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2467 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2467 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
时序要求
TA=25℃, VM=5V, VCC=3V, RL
=20Ω
时间
参数
最小
单位
t1
输出开启时间
700
nS
t2
输出关断时间
700
nS
t3
延迟时间, INx high to OUTx high
380
nS
t4
延迟时间, INx low to OUTx low
380
nS
t5
输出上升时间
280
nS
t6
输出下降时间
280
nS
twake
唤醒时间 , nSLEEP 上升沿到输入开启
10
uS
IN1
IN2
OUT1
Z
OUT2
20%
80%
80%
20%
t1
t2
t4
t3
t5
t6
OUTx
图 5. 输入输出时序图



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com