Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2467 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2467
Description  Drive DC brush motor or inductor or other load
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2467 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2467 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2467 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
产品概述
HM2467是一款直流有刷电机驱动 IC,适用于电
子锁、玩具、消费类产品以及其它低压或者电池供电
运动控制产品。
输出 DC 电流达到 1A。有两组工作电
压:VM 工作范围是 0~12V,VCC 工作范围是 1.8~
5.5V。
有一组 PWM(IN1-IN2)输入,低输出
内阻,采用 SOP8 封装。内部集成过流保护、欠压保
护和过温保护。
应用
 电子锁
 玩具
 无线充电
 机器人
特征
 H 桥马达驱动
-
驱动直流有刷马达或电感或其它负载
-
低内阻:上臂+下臂: 1Ω
 最大 1.8A 直流输出驱动电流
 马达电压和逻辑电压独立供电
-
马达电源 VM: 0 to 12V
-
逻辑电源 VCC: 1.8V to 5.5V
 低功耗休眠模式
-
IVM 和 IVCC 的静态电流 10nA
 小封装
-
DFN8 (2.0 X 2.0 mm)
-
SOP-8
 保护特征
-
VCC 欠压锁定
-
过流保护
-
过热保护
框图
图一. 主要模块框图
HM2467
HM2467


Similar Part No. - HM2467

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2466 HMSEMI-HM2466 Datasheet
694Kb / 12P
Drive DC brush motor or inductor or other load
More results

Similar Description - HM2467

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_05 Datasheet
637Kb / 9P
DC Brush Motor Driver for Paper Feed or Carriage Use
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
Unisonic Technologies
UMD9111 UTC-UMD9111 Datasheet
184Kb / 8P
BRUSH DC MOTOR DRIVE CIRCUIT
UMD9113 UTC-UMD9113 Datasheet
164Kb / 8P
BRUSH DC MOTOR DRIVE CIRCUIT
UMD9115 UTC-UMD9115 Datasheet
160Kb / 7P
BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2466 HMSEMI-HM2466 Datasheet
694Kb / 12P
Drive DC brush motor or inductor or other load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com