Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5345 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV5345
Description  TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5345 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV5345 Datasheet HTML 2Page - STMicroelectronics STV5345 Datasheet HTML 3Page - STMicroelectronics STV5345 Datasheet HTML 4Page - STMicroelectronics STV5345 Datasheet HTML 5Page - STMicroelectronics STV5345 Datasheet HTML 6Page - STMicroelectronics STV5345 Datasheet HTML 7Page - STMicroelectronics STV5345 Datasheet HTML 8Page - STMicroelectronics STV5345 Datasheet HTML 9Page - STMicroelectronics STV5345 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ELECTRICAL CHARACTERISTICS (continued)
VDD = 5V, VSS = 0V, TA = - 20 to + 70
oC
Symbol
Parameter
Min
Typ
Max
Unit
OUTPUTS (continued)
R, G, B, COR, BLAN, Y (Pins 13-18)
VOL
Low Level Output Voltage :
l IOL = 2mA
l IOL = 5mA
0
0
-
-
0.4
1
V
VPU
Pull-up Voltage (with R = 1k
Ω to VDD)
--
VDD
V
tf
Output Fall Time from 4.5 to 1.5V (with R = 1k
Ω to VDD)
-
-
20
ns
tSK
Skew Delay on Falling Edges
(at 3V with R = 1k
Ω connected to VDD)
-
-
20
ns
CL
Load Capacitance
-
-
25
pF
ILO
Output Leakage Current (VPU = 0 to VDD output off)
-
-
20
µA
TIMING
SERIAL BUS (referred to VIH =3V, VIL = 1.5V) (see Fig. 6)
tLOW
Low Period Clock
4
-
-
µs
tHIGH
High Period Clock
4
-
-
µs
tSU , DAT
Data Set-up Time
250
-
-
ns
tHD , DAT
Data Hold Time
170
-
-
ns
tSU ,sTO
Stop Set-up Time from Clock High
4
-
-
µs
tBUF
Start Set-up Time Following a Stop
4
-
-
µs
tHD , STA
Start Hold Time
4
-
-
µs
tSU , STA
Start Set-up Time Following Clock Low to High Transition
4
-
-
µs
MEMORY INTERFACE referred to VIL = 1.5V (see Fig. 7)
tCY
Cycle Time
-
500
-
ns
tOE
Adress Change to OE Low
60
-
-ns
tADDR
Address Active Time
450
500
-
ns
tOEW
OE Pulse Duration
320
-
-
ns
tACC
Access Time from OE to Data Valid
-
-
200
ns
tDH
Data Hold Time from OE High or Address Change
0
-
-
ns
tWE
Address Change to WE Low
40
-
-
ns
tWEW
WE Pulse Duration
200
-
-
ns
tDS
Data Set-up Time to WE High
100
-
-
ns
tDHWE
Data Hold Time from WE High
20
-
-
ns
tWR
Write Recovery Time
25
-
-
ns
STV5345 - STV5345/H - STV5345/T
6/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com