Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5345 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV5345
Description  TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5345 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV5345 Datasheet HTML 12Page - STMicroelectronics STV5345 Datasheet HTML 13Page - STMicroelectronics STV5345 Datasheet HTML 14Page - STMicroelectronics STV5345 Datasheet HTML 15Page - STMicroelectronics STV5345 Datasheet HTML 16Page - STMicroelectronics STV5345 Datasheet HTML 17Page - STMicroelectronics STV5345 Datasheet HTML 18Page - STMicroelectronics STV5345 Datasheet HTML 19Page - STMicroelectronics STV5345 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
REGISTER FUNCTIONS
Register
Function
Bit(s)
Description
R0
Address
00H
R11 adressing
and pin functions
control
SEL 11B (D0)
Selection of register 11B (D0 = 1) or 11A(D0 = 0)
TC (D1)
Test bit, must be cleared in the normal working mode
EVEN OFF (D2)
Control of ODD/EVEN pin : EVEN signal output (D2 = 0) or
grounded (D2 = 1)
R1
Address
01H
Operating mode
controls
T1
T0
00
01
10
11
312/313 line MIX - mode with interlace
312/313 line TEXT - mode without interlace
312/312 line Terminal mode without interlace
External synchronization TCS/SCS is an input
TCS ON (D2)
D2 = 1, TCS output on Pin TCS/SCS
D2 = 0, SCS input on Pin TCS/SCS
DEW / FULLFIELD
(D3)
Selection of field flyback mode or full channel mode
(D3 = 1)
GHOST ROW
ENABLE (D4)
Selection of ghost row mode (D4 = 1)
ACQUISITION
ON / OFF (D5)
Control of acquisition operation (D5 = 0 enables acquisition)
7 bits + parity or 8
bits without parity (D6)
Selection of received data format either 7 bits with parity
(D6 = 0) or 8 bits without parity (D6 = 1).
TA (D7)
Test bit, must be cleared in the normal working mode
R2
Address
02H
Addressing
information for
a page request
SC0, SC1, SC2
(D0, D1, D2)
Address the first column of the on chip page request RAM
to be written.
TB (D3)
Test bit, must be cleared in the normal working mode.
A0, A1 (D4, D5)
Address a group of four consecutive pages currently used
for data acquisition;
A2 (D6)
Address of one of the two groups of four pages for
acquisition in normal mode.
A3 (D7)
Block select: D7 = 0 internal memory, D7 = 1 external
memory
R3
Address
03H
Data relative to
the requested
page (see Table 3)
PRD0 - PRD4
(D0 - D4)
Written data in the page request RAM, starting with the
columns addressed by SC0,SC1,SC2.
R4
Address
04H
Selection of one
of 16 pages to
display
A0, ... A3
(D0, ... D3)
These 4 bits correspond to the logical states of the 4
address lines (A10, ... A13) during memory read cycles.
R5
Address
05H
Display control for
normal operation
PON (D0, D1)
Picture on (IN: D0, OUT: D1)
TEXT (D2, D3)
Text on (IN: D2, OUT: D3)
COR (D4, D5)
Contrast reduction on (IN: D4, OUT: D5)
BKGND (D6, D7)
Background colour on (IN: D6, OUT: D7)
IN / OUT
Enable inside/outside the box
R6
Address
06H
Display control for
news-flash
subtitle generation
See R5
See R5
R7
Address
07H
Display mode
BOX ON 0, 1-23,24
(D0, D1, D2)
The ”boxing” function is enabled on row 0,1-23 and 24 by
D0, D1 and D2 set to one.
TOP/BOTTOM
Single/Double Height
(D4/D3)
X0 = Normal
01 = double height Rows 0 to 11
11 = double height Rows 12 to 23
Conceal/Reveal (D5)
Conceal Reveal Function
Cursor ON/OFF (D6)
Cursor position given by row/column value of R9/R10
STATUS ROW
BTM / TOP (D7)
The 25th row is displayed before the ”Main text Area”
(lines 0-23) or after (D7 = 0).
STV5345 - STV5345/H - STV5345/T
16/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com