Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5345 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV5345
Description  TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5345 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV5345 Datasheet HTML 13Page - STMicroelectronics STV5345 Datasheet HTML 14Page - STMicroelectronics STV5345 Datasheet HTML 15Page - STMicroelectronics STV5345 Datasheet HTML 16Page - STMicroelectronics STV5345 Datasheet HTML 17Page - STMicroelectronics STV5345 Datasheet HTML 18Page - STMicroelectronics STV5345 Datasheet HTML 19Page - STMicroelectronics STV5345 Datasheet HTML 20Page - STMicroelectronics STV5345 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
REGISTER FUNCTIONS (continued)
Register
Function
Bit(s)
Description
R8 to R11A
Address
08H to 0BH*
Active chapter address (R8), active row address (R9), active column address (R10).
Data contained in R11A read (written) from (to) memory by microprocessor via I
2C.
R11B
Address
0BH*
Status
VCS Signal Quality
(D0)
Good VCS quality signal detected (D0 = 1) or disturbed
(D0 = 0)
60Hz (D7)
VCS received with 60Hz frequency (D7 = 1) or 50Hz (D7
= 0). Only valid when VCS is good (D0 = 1)
R12
Address
0CH
Page request
address
A0, A1 (D3, D4)
A0, A1 addresses of displayed page to refresh when using
refresh on display function
EROD (D5)
Enable refresh on displayed page function when = 1
normal acquisition storage if EROD = 0
* Reading of R11A or R11B is determined by register 0, bit D0. Nevertheless, write operation is always performed on R11A register.
START
COLUMN
PRD4
PRD3
PRD2
PRD1
PRD0
0
Do care magazine
HOLD
MAG2
MAG1
MAG0
1
Do care page tens
PT3
PT2
PT1
PT0
2
Do care page units
PU3
PU2
PU1
PU0
3
Do care hours tens
X
X
HT1
HT0
4
Do care hours units
HU3
HU2
HU1
HU0
5
Do care minutes tens
X
MT2
MT1
MT0
6
Do care minutes units
MU3
MU2
MU1
MU0
The abbreviations have the same significance as in Table 1 with the exception of the ”DO CARE” entries. It is only
when this bit is ”1” that the corresponding digit is taken into consideration on page request. For example, a page
defined as ”normal” or one defined as ”timed” may be selected.
If ”HOLD” is low the page is held. The addressing of successive bytes via the I
2C bus is automatic.
Table 3 : Register R3
CHARACTER SETS
The complete character set with 8-bit decoding is
given in Tables 4a, 4b and 4c.
Characters in columns 0 and 1 are normally dis-
played as blanks. Black dots represent the charac-
ter shape whereas white dots rep resent the
background.
Each character can be identified by a pair of corre-
sponding row and column integers : for example
the character ”3” may be indicated by 3/3.
A rectangle may be represented as follows :
The characters 8/6, 8/7, 9/5, 9/7 are used as spe-
cial characters, always in conjunction with 8/5.
The 13 national characters are placed in columns
with bit 8 = 0.
STV5345 - STV5345/H - STV5345/T
17/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com