Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5345 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV5345
Description  TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5345 Datasheet(HTML) 5 Page - STMicroelectronics

  STV5345 Datasheet HTML 1Page - STMicroelectronics STV5345 Datasheet HTML 2Page - STMicroelectronics STV5345 Datasheet HTML 3Page - STMicroelectronics STV5345 Datasheet HTML 4Page - STMicroelectronics STV5345 Datasheet HTML 5Page - STMicroelectronics STV5345 Datasheet HTML 6Page - STMicroelectronics STV5345 Datasheet HTML 7Page - STMicroelectronics STV5345 Datasheet HTML 8Page - STMicroelectronics STV5345 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ELECTRICAL CHARACTERISTICS (continued)
VDD = 5V, VSS = 0V, TA = - 20 to + 70
oC
Symbol
Parameter
Min
Typ
Max
Unit
INPUT/OUT PUTS (continued)
SDA (Pin 20)
VIL
Low Level Input Voltage
0
1.5
V
VIH
High Level Input Voltage
3
VDD
V
tr, tf
Input Rise / Fall Times
2
µs
II(L)
Input Leakage Current (VI = 0 to VDD and output in high impedance state)
-10
+10
µA
CI
Input Capacitance
7pF
VOL
Low Level Output Voltage (IOL = 3mA)
0
0.5
V
tf
Output Fall Time between 3.0V and 1.0V
200
ns
CL
Load Capacitance
400
pF
D0-D7 (Pins 22-29)
VIL
Low Level Input Voltage
0
0.8
V
VIH
High Level Input Voltage
2
VDD
V
II(L)
Input Leakage Current (VI = 0 to VDD and output in high impedance state)
-10
+10
µA
CI
Input Capacitance
7pF
VOL
Low Level Output Voltage (IOL = 1.6mA)
0
0.4
V
VOH
High Level Output Voltage (-IOH = 0.2mA)
2.4
VDD
V
tr, tf
Output Rise / Fall Times between 0.6V and 2.2V
50
ns
CL
Load Capacitance
120
pF
OUTPUTS
A0-A12, OE, WE (Pins 30-40,2,3,4,5,)
VOL
Low Level Output Voltage (IOL = 1.6mA)
0
0.4
V
VOH
High Level Output Voltage (-IOH = 0.2mA)
2.4
VDD
V
tr ,tf
Output Rise / Fall Times between 0.6V and 2.2V
50
ns
CL
Load Capacitance
120
pF
ODD/EVEN (Pin 8)
VOL
Low Level Output Voltage (IOL = 0.4mA)
0
0.4
V
VOH
High Level Output Voltage (-IOH = 0.2mA)
2.4
VDD
V
tr ,tf
Output Rise / Fall Times between 0.6V and 2.2V
100
ns
CL
Load Capacitance
50
pF
SAND (Pin 11)
VOL
Low Level Output Voltage (IOL = 0.2mA)
0
-
0.25
V
VOI
Middle Level Output Voltage (IOL =
± 10 µA)
1.1
-
2.9
V
VOH
High Level Output Voltage (-IOH = 0 to 10
µA)
4VDD
V
tr1
tr2
Output Rise Time :
l VOL to VOI from 0.4 to 1.1V
l VOI to VOH from 2.9 to 4.0V
-
-
-
-
400
200
ns
tf
Output Fall Time VOH to VOl from 4.0 to 0.4V
-
-
50
ns
CL
Load Capacitance
-
-
30
pF
STV5345 - STV5345/H - STV5345/T
5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com