Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5345 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV5345
Description  TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5345 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV5345 Datasheet HTML 3Page - STMicroelectronics STV5345 Datasheet HTML 4Page - STMicroelectronics STV5345 Datasheet HTML 5Page - STMicroelectronics STV5345 Datasheet HTML 6Page - STMicroelectronics STV5345 Datasheet HTML 7Page - STMicroelectronics STV5345 Datasheet HTML 8Page - STMicroelectronics STV5345 Datasheet HTML 9Page - STMicroelectronics STV5345 Datasheet HTML 10Page - STMicroelectronics STV5345 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
6
9
7
character display clock input
to timing chain
teletex t clock input
to data acquistion circuit
teletext data input
to data acquisition circuit
clamping pulses from timing circuit
from time 4
µsto 8µs of each television
line to maintain correct D.C. level
following external A.C. coupling
F6, TTC, TTD INPUT CIRCUITRY
INPUT WAVEFORM PARAMETERS
shaded regions equal in area
V
0t
50%
duty cycle
level
VP
VI(p-p)
VP
F6
TTC
TTD
C EXT
Figure 1 : F6, TTC, TTD Input Internal Connections
144ns typ.
t CY
40ns min. 40ns min.
t DH
t DS
80ns max.
t r
t f
80ns max.
10%
90%
90%
10%
Data Stable
Data Stable
data may change
data may change
data may change
TTC
TTD
Data Stable : 1 if
≥ 2V , 0 if ≤ 0.8V
Figure 2 : Teletext Data Input Timing
F1
TCS
SAND
0
4.67
8.5
1.5
33.5
64
continuous internal 1MHz clock
Phase lock off
All timings in
µs
Phase lock
Figure 3 : Synchronization Timing
STV5345 - STV5345/H - STV5345/T
7/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com