Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 20Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 21Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 22Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 23Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 24Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 25Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 26Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 27Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
ADA4625-1/ADA4625-2
Data Sheet
Rev. A | Page 24 of 35
NO PHASE INVERSION
Rail-to-rail output (RRO) amplifiers without rail-to-rail input
(RRI) are prone to phase inversion because the output can drive
the input outside of the normal common-mode range, causing
the output to go in the wrong direction and latch up. To prevent
phase inversion, the input must control the input at all times.
Even though the RRO of the ADA4625-1/ADA4625-2 input
stage (M1, M2, R1, and R2) operates correctly down to 0.2 V
below V−, it does not operate correctly within 2.5 V of V+. The
ADA4625-1/ADA4625-2 guarantees no phase inversion by
implementing an input pair (M3 and M4) to extend the
common-mode range to 0.2 V above V+, with reduced
performance. M3 and M4 are not active in the normal
common-mode range. Figure 88 shows that the input voltage
exceeds both supplies by 200 mV with no phase inversion at the
output.
–25
–20
–15
–10
–5
0
5
10
15
20
25
TIME (200µs/DIV)
VIN
VOUT
VSY = ±18V
VIN = 36.4V p-p
AV = 1
Figure 88. No Phase Reversal if the Input Range Exceeds the Power Supply
by 200 mV
SUPPLY CURRENT
The supply current (ISY) is the quiescent current drawn by the
op amp with no load. Figure 89 and Figure 90 show that the
quiescent current varies with the common-mode input voltage.
The shape of ISY vs. VCM at higher VCM shows saturation of
BUFF1 and the ITAIL turn off.
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–18.2
–12.2
–6.2
–0.2
5.8
11.8
17.8
VCM (V)
TA = +85°C
TA = +25°C
TA = +125°C
TA = –40°C
Figure 89. ISY vs. VCM, VSY = ±18 V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–0.2
0.7
1.6
2.5
3.4
4.3
5.2
VCM (V)
TA = +85°C
TA = +25°C
TA = +125°C
TA = –40°C
Figure 90. ISY vs. VCM, VSY = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com