Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Data Sheet
ADA4625-1/ADA4625-2
Rev. A | Page 15 of 35
140
60
–40
125
TEMPERATURE (°C)
70
80
90
100
110
120
130
–25 –10
5
20
35
50
65
80
95 110
VSY = ±18V, VCM = –18.2V TO +14.5V
VSY = ±18V, VCM = –18.2V TO +12.0V
VSY = 5V, VCM = 0V TO 1.5V
Figure 41. CMRR vs. Temperature
20
15
10
5
0
–5
–10
–15
–20
0
0.5
2.0
1.0
2.5
1.5
3.0
3.5
TIME (µs)
VSY = ±18V
RL = 2kΩ
CL = 100pF
Figure 42. Large Signal Transient Response, AV = +1, VSY = ±18 V
20
15
10
5
0
–5
–10
–15
–20
0
0.5
2.0
1.0
2.5
1.5
3.0
3.5
TIME (µs)
VSY = ±18V
RL = 2kΩ
CL = 100pF
Figure 43. Large Signal Transient Response, AV = −1, VSY = ±18 V
10
100
1k
10k
100k
10M
1M
100M
FREQUENCY (Hz)
120
0
10
20
30
40
50
60
70
80
90
100
110
VSY = 5V
VSY = ±18V
Figure 44. CMRR vs. Frequency
4
3
2
1
0
–1
–2
0
0.5
2.0
1.0
2.5
1.5
3.0
3.5
TIME (µs)
VSY = 5V
RL = 2kΩ
CL = 100pF
Figure 45. Large Signal Transient Response, AV = +1, VSY = 5 V
5
4
3
2
1
0
–1
0
0.5
2.0
1.0
2.5
1.5
3.0
3.5
TIME (µs)
VSY = 5V
VCM = 1.5V
RL = 2kΩ
CL = 100pF
Figure 46. Large Signal Transient Response, AV = −1, VSY = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com