Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 26Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 27Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 28Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 29Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 30Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 31Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 32Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 33Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
ADA4625-1/ADA4625-2
Data Sheet
Rev. A | Page 30 of 35
Table 8 shows the noise sources and estimated total output noise
for the photodiode amplifier with CF = 2.2 pF and CF =3.9 pF,
respectively.
Use the Analog Devices Analog Photodiode Wizard to design a
transimpedance amplifier circuit to interface with a photodiode.
Table 8. RMS Noise Contributions of the Photodiode Preamplifier
Noise Contributor
Expression
RMS Noise (µV)1
CF = 2.2 pF
CF = 3.9 pF
RF
 π
P
F
f
kTR
2
4
where:
k is Boltzmann’s constant (1.38 × 10−23 J/K).
T is the temperature in Kelvin (K).
43.2
32.5
Current Noise, Vni, AMP
p
F
N
f
R
i
2
π
0.34
0.25
Voltage Noise, Vnv, AMP
GBP
F
IN
N
f
C
C
e
2
1
π


+
61.6
47.7
Total Noise
2
2
2
,
,
F
R
AMP
nv
AMP
nv
V
V
V
+
+
75.2
57.7
1
RMS noise with RF = 49.9 kΩ, CIN = CCM + CDM = 19.9 pF, CD = 5 pF, iN = 4.5 fA/√Hz, and eN =3.3 nV/√Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com