Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 20Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Data Sheet
ADA4625-1/ADA4625-2
Rev. A | Page 17 of 35
5
0
–10
–20
–5
–15
–25
–35
–30
35
30
20
10
0
15
25
5
–5
TIME (200ns/DIV)
VSY = ±18V
VIN = 5.4V p-p
VIN
VOUT
Figure 53. Positive Overload Recovery, AV = −10, VSY = ±18 V
10
0
–10
5
–5
–15
–30
–25
–20
TIME (400ns/DIV)
VSY = ±18V
RL = 2kΩ
CL = 100pF
DUT AV = –1
ERROR BAND
POST GAIN = 20
+100mV
0V
–100mV
INPUT
OUTPUT
Figure 54. ADA4625-1 Negative Settling Time to 0.1%, VSY = ±18 V
10
0
–10
5
–5
–15
–30
–25
–20
TIME (400ns/DIV)
VSY = ±18V
RL = 2kΩ
CL = 100pF
DUT AV = –1
ERROR BAND
POST GAIN = 20
+10mV
0V
–10mV
INPUT
OUTPUT
Figure 55. ADA4625-1 Negative Settling Time to 0.01%, VSY = ±18 V
0.5
–0.5
–1.5
0
–1.0
–2.0
–3.5
–3.0
–2.5
14
12
8
4
0
6
10
2
–2
TIME (200ns/DIV)
(V+) = 3.5V, (V–) = –1.5V
VCM = 0V
VIN = 0.75V p-p
VIN
VOUT
Figure 56. Positive Overload Recovery, AV = −10, VSY = 5 V
5
1
–3
3
–1
–5
–11
–9
–7
0
TIME (400ns/DIV)
VSY = 5V
VCM = 1.5V
RL = 2kΩ
CL = 100pF
DUT AV = –1
+40mV
–40mV
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
Figure 57. ADA4625-1 Negative Settling Time to 0.1%, VSY = 5 V
4
0
–4
2
–2
–6
–12
–10
–8
0
TIME (400ns/DIV)
VSY = 5V
VCM = 1.5V
RL = 2kΩ
CL = 100pF
DUT AV = –1
+4mV
–4mV
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
Figure 58. AD4625-1 Negative Settling Time to 0.01%, VSY = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com