Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 27Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 28Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 29Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 30Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 31Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 32Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 33Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 34Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
ADA4625-1/ADA4625-2
Data Sheet
Rev. A | Page 32 of 35
RECOMMENDED POWER SOLUTION
Analog Devices has a wide range of power management
products to meet the requirements of most high performance
signal chains.
For a dual-supply application, the ADA4625-1 typically needs a
±15 V supply. Low dropout (LDO) linear regulators such as the
ADP7118 or the ADP7142 for the positive supply and the
ADP7182 for the negative supply help improve the PSRR at
high frequency and generate a low noise power rail. In addition,
if a negative supply is not available, the ADP5070 can generate
the negative supply from a positive supply. Figure 108 shows an
example of this power solution configuration for the ADA4625-1.
ADP5070
ADP7118
ADP7182
+12V
+16V
+15V
–15V
–16V
Figure 108. Power Solution Configuration for the ADA4625-1
Table 9. Recommended Power Management Devices
Product
Description
ADP5070
DC-to-dc switching regulator with independent
positive and negative outputs
ADP7118
20 V, 200 mA, low noise, CMOS LDO linear regulator
ADP7142
40 V, 200 mA, low noise, CMOS LDO linear regulator
ADP7182
−28 V, −200 mA, low noise, linear regulator
It is recommended to use a low ESR, 0.1 μF bypass capacitor close
to each power supply pins of the ADA4625-1 and ground to
reduce errors coupling in from the power supplies. For noisy
power supplies, place an additional 10 μF capacitor in parallel
with the 0.1 μF for better performance.
INPUT OVERVOLTAGE PROTECTION
The ADA4625-1 has internal protective circuitry that allows
voltages as high as 0.2 V beyond the supplies to be applied at the
input of either terminal without causing damage. For higher
input voltages, a series resistor is necessary to limit the input
current. Determine the resistor value by
(VIN − VS)/RS ≤ 20 mA
where:
VIN is the input voltage.
VS is the voltage of either V+ or V−.
RS is the series resistor.
With a very low bias current of <5.5 nA up to 125°C, higher
resistor values can be used in series with the inputs. A 500 Ω
resistor protects the inputs from voltages as high as 10 V beyond
the supplies and adds less than 2.75 µV to the offset. However,
note that the added series resistor (RS) may increase the overall
noise and lower the bandwidth due to the addition of a pole
introduced by RS and the input capacitor of the amplifier.
DRIVING CAPACITIVE LOADS
The inherent output resistance of the op amp combined with a
capacitive load forms an additional pole in the transfer function
of the amplifier. Adding capacitance to the output of any op amp
results in additional phase lag. This lag reduces stability and
leads to overshoot or oscillation, which is a common situation
when an amplifier is used to drive the input of switched
capacitor analog-to-digital converters (ADCs).
The ADA4625-1 has a high phase margin and low output
impedance and is capable of directly driving a capacitive load
up to 1 nF with no external compensation at unity-gain without
oscillation.
For other considerations and various circuit solutions, see the
Ask the Applications Engineer-25, Op Amps Driving Capacitive
Loads Analog Dialogue article.
THERMAL MANAGEMENT
The ADA4625-1 can operate with up to a 36 V supply voltage
with a typical 4 mA quiescent current. Heavy loads increase
power dissipation and raise the chip junction temperature.
The maximum safe power dissipation for the ADA4625-1 is
limited by the associated rise in junction temperature (TJ) on
the die. Two conditions affect TJ: power dissipation (PD) of the
device and ambient temperature (TA) surrounding the package.
This relationship is shown in Equation 11.
TJ = PD × θJA + TA
(11)
where θJA is the thermal resistance between the die and the
ambient environment. The total power dissipation in the
amplifier is the sum of the power dissipated in the output stage
plus the quiescent power. Power dissipation for the sourcing
current is shown in Equation 12, where VSY is the total supply
voltage (V+) – (V−).
PD = VSY × ISY + ((V+) − VOUT)IOUT
(12)
Replace ((V+) − VOUT) in Equation 12 with ((V−) − VOUT) when
sinking current.
For symmetrical supplies with a ground referenced load, use the
following equation to calculate the average power for the amplifier
processing sine signal.
(
)


×
−


×
+
×
+
×
=
L
2
PEAK
L
PEAK
R
2
V
R
V
)
(V
π
2
SY
SY
SINE
AVG,
I
V
P
(13)
where VPEAK is the peak value of a sine wave output voltage.
The specified thermal resistance θJA of the ADA4625-1/ADA4625-2
is 52.8°C/W. A good PCB layout and an external heat sink can
improve thermal performance by reducing junction to ambient
temperature.
The ADA4625-1/ADA4625-2 features an exposed pad that
floats internally to provide the maximum flexibility and ease of
use. Solder the exposed pad to the PCB board GND, or the V+
or V− plane for best thermal transfer. Where thermal heating is not
an issue, the exposed pad can be left floating.
Incorporate the use of thermal vias or heat pipes into the design
of the mounting pad for the exposed pad to lower the overall θJA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com