Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23-21C/T1D-CP2Q2TY/2A Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 23-21C/T1D-CP2Q2TY/2A
Description  Package in 8mm tape on 7?엀iameter reel.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

23-21C/T1D-CP2Q2TY/2A Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  23-21C/T1D-CP2Q2TY/2A Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATASHEET
SMD  REFLECTOR
23-21C/T1D-CP2Q2TY/2A
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : Apr.27.2010. Issue No: DSE-0008844
Rev.2
www.everlight.com
Bin Range of Luminous Intensity
Bin Code
Min.
Max.
Unit
Condition
P2
57.0
72.0
mcd
IF =5mA
Q1
72.0
90.0
Q2
90.0
112
Bin Range Of Forward Voltage
Bin Code
Min.
Max.
Unit
Condition
28
2.60
2.70
V
IF =5mA
29
2.70
2.80
30
2.80
2.90
31
2.90
3.00
Note:
1.Tolerance of Luminous Intensity: ±11%
2. Tolerance of Forward Voltage: ±0.05V
Bin Range of Dominant Wavelength
Bin Code
Min.
Max.
Unit
Condition
C
1
0.274
0.226
nm
IF =5mA
0.274
0.258
0.294
0.286
0.294
0.254
2
0.274
0.258
0.274
0.291
0.294
0.319
0.294
0.286
3
0.294
0.254
0.294
0.286
0.314
0.315
0.314
0.282
4
0.294
0.286
0.294
0.319
0.314
0.347
0.314
0.315
Notes:
1.The C.I.E. 1931 chromaticity diagram ( Tolerance ±0.01 ).
2.The products are sensitive to static electricity and care must be fully taken when
handling products.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com