Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23-21C/T1D-CP2Q2TY/2A Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 23-21C/T1D-CP2Q2TY/2A
Description  Package in 8mm tape on 7?엀iameter reel.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

23-21C/T1D-CP2Q2TY/2A Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  23-21C/T1D-CP2Q2TY/2A Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : Apr.27.2010. Issue No: DSE-0008844
Rev.2
www.everlight.com
SMD  B
23-21C/T1D-CP2Q2TY/2A
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain within RoHS compliant version.
Description
․The 23-21C SMD LED is much smaller than lead frame type components, thus enable smaller board ize,
higher packing density, reduced storage space and finally smaller equipment to be obtained.
․Besides, lightweight makes them ideal for miniature applications. etc.
Applications
․Telecommunication: indicator and backlighting in telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
香港至恩科技有限公司  
  www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - 23-21C/T1D-CP2Q2TY/2A

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
23-21C-T1D-CP2Q2TY-2A EVERLIGHT-23-21C-T1D-CP2Q2TY-2A Datasheet
181Kb / 12P
Reverse Package Chip LED
23-21C-T1D-CP2Q2TY-2A EVERLIGHT-23-21C-T1D-CP2Q2TY-2A Datasheet
195Kb / 12P
Reverse Package Chip LED
23-21C-T1D-CP2Q2TY-2A EVERLIGHT-23-21C-T1D-CP2Q2TY-2A_11 Datasheet
195Kb / 12P
Reverse Package Chip LED
More results

Similar Description - 23-21C/T1D-CP2Q2TY/2A

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
11-21-R6C-AR2S2B-2T TO-GRACE-11-21-R6C-AR2S2B-2T Datasheet
1,020Kb / 9P
Package in 8mm tape on 7?엀iameter reel.
11-22-R6G6C-A01-2T TO-GRACE-11-22-R6G6C-A01-2T Datasheet
1Mb / 9P
Package in 8mm tape on 7?엀iameter reel.
12-21-R8C-AN1P2B-2D TO-GRACE-12-21-R8C-AN1P2B-2D Datasheet
1,020Kb / 9P
Package in 8mm tape on 7?엀iameter reel.
15-21-R6C-FQ1R1B-2T TO-GRACE-15-21-R6C-FQ1R1B-2T Datasheet
1Mb / 9P
Package in 8mm tape on 7?엀iameter reel.
16-216-T3D-AQ1R2TY-3T TO-GRACE-16-216-T3D-AQ1R2TY-3T Datasheet
734Kb / 10P
Package in 8mm tape on 7?엀iameter reel.
16-916-T1D-AP1Q2QY-3T TO-GRACE-16-916-T1D-AP1Q2QY-3T Datasheet
761Kb / 11P
Package in 8mm tape on 7?엀iameter reel.
19-217-R6C-P1Q2-3T TO-GRACE-19-217-R6C-P1Q2-3T Datasheet
590Kb / 9P
Package in 8mm tape on 7?엀iameter reel.
22-21-GHC-YR1S2-2C TO-GRACE-22-21-GHC-YR1S2-2C Datasheet
660Kb / 9P
Package in 8mm tape on 7?엀iameter reel.
22-23-R6GHBHC-A01-2C TO-GRACE-22-23-R6GHBHC-A01-2C Datasheet
860Kb / 12P
Package in 8mm tape on 7?엀iameter reel.
23-22B-R7G6C-A30-2T TO-GRACE-23-22B-R7G6C-A30-2T Datasheet
746Kb / 10P
Package in 8mm tape on 7?엀iameter reel.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com