Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23-21C/T1D-CP2Q2TY/2A Datasheet(PDF) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 23-21C/T1D-CP2Q2TY/2A
Description  Package in 8mm tape on 7?엀iameter reel.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

23-21C/T1D-CP2Q2TY/2A Datasheet(HTML) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DATASHEET
SMD  REFLECTOR
23-21C/T1D-CP2Q2TY/2A
10
Copyright © 2010, Everlight All Rights Reserved. Release Date : Apr.27.2010. Issue No: DSE-0008844
Rev.2
www.everlight.com
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds within once
in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each
terminal. Be careful because the damage of the product is often started at the time of the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com