Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23-21C/T1D-CP2Q2TY/2A Datasheet(PDF) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 23-21C/T1D-CP2Q2TY/2A
Description  Package in 8mm tape on 7?엀iameter reel.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

23-21C/T1D-CP2Q2TY/2A Datasheet(HTML) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  23-21C/T1D-CP2Q2TY/2A Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DATASHEET
SMD  REFLECTOR
23-21C/T1D-CP2Q2TY/2A
5
Copyright © 2010, Everlight All Rights Reserved. Release Date : Apr.27.2010. Issue No: DSE-0008844
Rev.2
www.everlight.com
Typical Electro-Optical Characteristics Curves
Forward Current Derating Curve
400
25
0
50
75
100
500
600
700
800
Ta=25°C
Spectrum Distribution
F
Forward Current
0
10
1
1
10
I (mA)
2
10
Forward Current
Luminous Intensity vs
10
100
1000
Ta=25°C
Forward Voltage
Ta=25°C
Forward Current vs.
Wavelength λ (nm)
Forward Voltage (V )-volts
F
-60
1
10
-20
-40
0
20
60
40
100
80
100
1000
Luminous Intensity vs.
Ambient Temperature
Ambient Temperature Ta (°C)
Ta=25°C
Radiation Diagram
Ambient Temperature Ta (°C)
Duty=1/10
f=1KHz
0.8
0.7
1.0
0.9
0.4
0.5
0.3
0.2
0.1
0.6
90°
80°
50°
70°
60°
40°
10°
0°
20°
30°
0
10
0
20
30
25
40
50
40
20
60
100
85
2.8
0
10
25
20
40
30
50
4.5
3.8
3.4
4.2
2.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com