Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23-21C/T1D-CP2Q2TY/2A Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 23-21C/T1D-CP2Q2TY/2A
Description  Package in 8mm tape on 7?엀iameter reel.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

23-21C/T1D-CP2Q2TY/2A Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  23-21C/T1D-CP2Q2TY/2A Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21C/T1D-CP2Q2TY/2A Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DATASHEET
SMD  REFLECTOR
23-21C/T1D-CP2Q2TY/2A
2
Copyright © 2010, Everlight All Rights Reserved. Release Date : Apr.27.2010. Issue No: DSE-0008844
Rev.2
www.everlight.com
Device Selection Guide
Chip
Materials
Emitted Color
Resin Color
InGaN
Pure White
Yellow Diffused
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
100
mA
Power Dissipation
Pd
95
mW
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +90
℃
Electrostatic Discharge
ESDHBM
150
V
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 30 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
57
-----
112
mcd
IF=5mA
Viewing Angle
2θ
1/2
-----
140
-----
deg
IF=5mA
Forward Voltage
VF
2.60
-----
3.00
V
IF=5mA
Reverse Current
IR
-----
-----
50
μA
VR=5V
Note:
1. Tolerance of Luminous Intensity: ±11%
2. Tolerance of Forward Voltage: ±0.05V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com