Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5720BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5720BCCZN-R7
Description  Silicon Digital Attenuator, 9kHz to 40GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5720BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5720BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADRF5720
Rev. 0 | Page 3 of 19
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 3.3 V, VSS = −3.3 V, digital voltages = 0 V or VDD, case temperature (TCASE) = 25°C, and 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
0.009
40,000
MHz
INSERTION LOSS (IL)
With Impedance Match
See Figure 44
9 kHz to 10 GHz
1.5
dB
10 GHz to 18 GHz
2.0
dB
18 GHz to 26 GHz
2.8
dB
26 GHz to 35 GHz
3.7
dB
35 GHz to 40 GHz
4.5
dB
Without Impedance Match
See Figure 43
9 kHz to 10 GHz
1.6
dB
10 GHz to 18 GHz
2.1
dB
18 GHz to 26 GHz
2.7
dB
26 GHz to 35 GHz
3.6
dB
35 GHz to 40 GHz
4.6
dB
RETURN LOSS
ATTIN and ATTOUT, all attenuation states
With Impedance Match
See Figure 44
9 kHz to 10 GHz
18
dB
10 GHz to 18 GHz
17
dB
18 GHz to 26 GHz
17
dB
26 GHz to 35 GHz
15
dB
35 GHz to 40 GHz
15
dB
Without Impedance Match
See Figure 43
9 kHz to 10 GHz
18
dB
10 GHz to 18 GHz
15
dB
18 GHz to 26 GHz
15
dB
26 GHz to 35 GHz
14
dB
35 GHz to 40 GHz
11
dB
ATTENUATION
Range
Between minimum and maximum
attenuation states
31.5
dB
Step Size
Between any successive attenuation states
0.5
dB
Accuracy
Referenced to insertion loss
With Impedance Match
See Figure 44
9 kHz to 10 GHz
±(0.15 + 1.0% of state)
dB
10 GHz to 18 GHz
±(0.20 + 1.0% of state)
dB
18 GHz to 26 GHz
±(0.20 + 1.5% of state)
dB
26 GHz to 35 GHz
±(0.25 + 2.5% of state)
dB
35 GHz to 40 GHz
±(0.40 + 3.0% of state)
dB
Without Impedance Match
See Figure 43
9 kHz to 10 GHz
±(0.15 + 1.0% of state)
dB
10 GHz to 18 GHz
±(0.25 + 1.0% of state)
dB
18 GHz to 26 GHz
±(0.20 + 1.5% of state)
dB
26 GHz to 35 GHz
±(0.25 + 2.0% of state)
dB
35 GHz to 40 GHz
±(0.40 + 5.0% of state)
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com