Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5720BCCZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5720BCCZN-R7
Description  Silicon Digital Attenuator, 9kHz to 40GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5720BCCZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5720BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADRF5720
Data Sheet
Rev. 0 | Page 8 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
INSERTION LOSS, RETURN LOSS, STATE ERROR, STEP ERROR, AND RELATIVE PHASE
VDD = 3.3 V, VSS = −3.3 V, digital voltages = 0 V or VDD, TCASE = 25°C, and a 50 Ω system, unless otherwise noted. Measured on probe
matrix board using ground signal ground (GSG) probes close to the RF pins (ATTIN and ATTOUT). See the Applications Information
section for details on evaluation and probe matrix boards.
Figure 8. Insertion Loss vs. Frequency over Temperature with Impedance Match
Figure 9. Normalized Attenuation vs. Frequency for All States at Room
Temperature with Impedance Match
Figure 10. Input Return Loss vs. Frequency (Major States Only) with Impedance
Match
Figure 11. Insertion Loss vs. Frequency over Temperature Without Impedance
Match
Figure 12. Normalized Attenuation vs. Frequency for All States at Room
Temperature Without Impedance Match
Figure 13. Input Return Loss vs. Frequency (Major States Only) Without
Impedance Match
0
–10
–8
–4
–1
–6
–2
–9
–5
–7
–3
0
45
FREQUENCY (GHz)
5
15
25
10
20
30
35
40
+105°C
+85°C
+25°C
–40°C
0
–35
–20
–5
–30
–10
–25
–15
0
45
FREQUENCY (GHz)
5
15
25
10
20
30
35
40
0
–50
–40
–20
–5
–30
–10
–45
–25
–35
–15
0
45
FREQUENCY (GHz)
5
15
25
10
20
30
35
40
STATE 0dB
STATE 1.0dB
STATE 4.0dB
STATE 16.0dB
STATE 0.5dB
STATE 2.0dB
STATE 8.0dB
STATE 31.5dB
0
–10
–8
–4
–1
–6
–2
–9
–5
–7
–3
0
45
FREQUENCY (GHz)
5
15
25
10
20
30
35
40
+105°C
+85°C
+25°C
–40°C
0
–35
–20
–5
–30
–10
–25
–15
0
45
FREQUENCY (GHz)
5
15
25
10
20
30
35
40
0
–50
–40
–20
–5
–30
–10
–45
–25
–35
–15
0
45
FREQUENCY (GHz)
5
15
25
10
20
30
35
40
STATE 0dB
STATE 1.0dB
STATE 4.0dB
STATE 16.0dB
STATE 0.5dB
STATE 2.0dB
STATE 8.0dB
STATE 31.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com