Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5720BCCZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5720BCCZN-R7
Description  Silicon Digital Attenuator, 9kHz to 40GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5720BCCZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5720BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
ADRF5720
Rev. 0 | Page 7 of 19
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
LE
Latch Enable Input. See the Theory of Operation section for more information.
2
PS
Parallel or Serial Control Interface Selection Input. See the Theory of Operation section for more
information.
3, 4, 6 to 13, 15, 16
GND
Ground. These pins must be connected to the RF and dc ground of the PCB.
5
ATTIN
Attenuator Input. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is
necessary when the RF line potential is equal to 0 V dc.
14
ATTOUT
Attenuator Output. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is
necessary when the RF line potential is equal to 0 V dc.
17
VSS
Negative Supply Input.
18
VDD
Positive Supply Input.
19
D0
Parallel Control Input for 0.5 dB Attenuator Bit. See the Theory of Operation section for more information.
20
D1
Parallel Control Input for 1 dB Attenuator Bit. See the Theory of Operation section for more information.
21
D2
Parallel Control Input for 2 dB Attenuator Bit. See the Theory of Operation section for more information.
22
D3/SEROUT
Parallel Control Input for 4 dB Attenuator Bit (D3).
Serial Data Output (SEROUT). See the Theory of Operation section for more information.
23
D4/SERIN
Parallel Control Input for 8 dB Attenuator Bit (D4).
Serial Data Input (SERIN). See the Theory of Operation section for more information.
24
D5/CLK
Parallel Control Input for 16 dB Attenuator Bit (D5).
Serial Clock Input (CLK). See the Theory of Operation section for more information.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc ground of the PCB.
INTERFACE SCHEMATICS
Figure 5. Digital Input Interface (LE, PS, D3/SEROUT, D4/SERIN, D5/CLK)
Figure 6. ATTIN and ATTOUT Interface
Figure 7. Digital Input Interface (D0, D1, D2)
PS
LE
GND
GND
ATTIN
GND
VSS
VDD
GND
GND
ATTOUT
GND
10
18
13
17
16
15
14
11
12
7
8
9
21
20
19
24
23
22
1
6
2
3
4
5
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED
TO THE RF AND DC GROUND OF THE PCB.
ADRF5720
TOP VIEW
(Not to Scale)
VDD
VDD
LE, PS, D3/SEROUT,
D4/SERIN, D5/CLK
ATTIN,
ATTOUT
VDD
VDD
100kΩ
D0, D1, D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com