Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5720BCCZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5720BCCZN-R7
Description  Silicon Digital Attenuator, 9kHz to 40GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5720BCCZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5720BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
ADRF5720
Rev. 0 | Page 9 of 19
Figure 14. Output Return Loss vs. Frequency (Major States Only) with
Impedance Match
Figure 15. Step Error vs. Frequency (Major States Only) with Impedance
Match
Figure 16. Step Error vs. Attenuation State over Frequency with Impedance
Match
Figure 17. Output Return Loss vs. Frequency (Major States Only) Without
Impedance Match
Figure 18. Step Error vs. Frequency (Major States Only) Without Impedance
Match
Figure 19. Step Error vs. Attenuation State over Frequency Without
Impedance Match
0
–50
–40
–20
–5
–30
–10
–45
–25
–35
–15
0
45
FREQUENCY (GHz)
5
15
25
10
20
30
35
40
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB
0.5
–1.5
–1.3
–1.1
–0.3
0.3
–0.7
0.1
–0.5
–0.9
–0.1
0
45
FREQUENCY (GHz)
5
15
25
10
20
30
35
40
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB
1.0
–2.0
–1.0
0.5
0
–1.5
–0.5
ATTENUATION STATE (dB)
5GHz
10GHz
15GHz
20GHz
25GHz
30GHz
35GHz
40GHz
45GHz
0
–50
–40
–20
–5
–30
–10
–45
–25
–35
–15
0
45
FREQUENCY (GHz)
5
15
25
10
20
30
35
40
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB
0.5
–1.5
–1.3
–1.1
–0.3
0.3
–0.7
0.1
–0.5
–0.9
–0.1
0
45
FREQUENCY (GHz)
5
15
25
10
20
30
35
40
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB
1.0
–2.0
–1.0
0.5
0
–1.5
–0.5
ATTENUATION STATE (dB)
5GHz
10GHz
15GHz
20GHz
25GHz
30GHz
35GHz
40GHz
45GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com