Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5720BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5720BCCZN-R7
Description  Silicon Digital Attenuator, 9kHz to 40GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5720BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5720BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5720BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
0.5 dB LSB, 6-Bit, Silicon Digital
Attenuator, 9 kHz to 40 GHz
Data Sheet
ADRF5720
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 9 kHz to 40 GHz
Attenuation range: 0.5 dB steps to 31.5 dB
Low insertion loss with impedance match
2.0 dB up to 18 GHz
2.8 dB up to 26 GHz
4.5 dB up to 40 GHz
Attenuation accuracy with impedance match
±(0.20 + 1.0% of attenuation state) up to 18 GHz
±(0.20 + 1.5% of attenuation state) up to 26 GHz
±(0.40+ 3.0% of attenuation state) up to 40 GHz
Typical step error with impedance match
±0.25 dB up to 26 GHz
±0.65 dB up to 40 GHz
High input linearity
P0.1dB insertion loss state: 30 dBm
P0.1dB other attenuation states: 27 dBm
IP3: 50 dBm typical
High RF input power handling: 27 dBm average, 30 dBm peak
Tight distribution in relative phase
No low frequency spurious signals
SPI and parallel mode control, CMOS/LVTTL compatible
RF amplitude settling time (0.1 dB of final RF output): 8 µs
24-terminal, 4 mm × 4 mm LGA package
Pin-compatible with ADRF5730, fast switching version
APPLICATIONS
Industrial scanners
Test and instrumentation
Cellular infrastructure: 5G millimeter wave
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF5720 is a silicon, 6-bit digital attenuator with 31.5 dB
attenuation control range in 0.5 dB steps.
This device operates from 9 kHz to 40 GHz with better than 4.5 dB
of insertion loss and excellent attenuation accuracy. The ATTIN
port of the ADRF5720 has a radio frequency (RF) input power
handling capability of 27 dBm average and 30 dBm peak for all
states.
The ADRF5720 requires a dual supply voltage of +3.3 V and
−3.3 V. The device features serial peripheral interface (SPI),
parallel mode control, and complementary metal-oxide
semiconductor (CMOS)-/low voltage transistor to transistor
logic (LVTTL)-compatible controls.
The ADRF5720 is pin-compatible with the ADRF5730, the fast
switching version, which operates from 100 MHz to 40 GHz.
The ADRF5720 RF ports are designed to match a characteristic
impedance of 50 Ω. For wideband applications, impedance
matching on the RF transmission lines can further optimize high
frequency insertion loss, return loss, and attenuation accuracy
characteristics. Refer to the Electrical Specifications section, the
Typical Performance Characteristics section, and the Applications
Information section for more details.
The ADRF5720 comes in a 24-terminal, 4 mm × 4 mm, RoHS
compliant, land grid array (LGA) package and operates from
−40°C to +105°C.
PS
LE
GND
GND
ATTIN
GND
VSS
VDD
GND
GND
ATTOUT
PACKAGE
BASE
GND
GND
10
18
13
17
16
15
14
11
12
7
8
9
21
20
19
24
23
22
1
6
2
3
4
5
6-BIT DIGITAL
ATTENUATOR
SERIAL/
PARALLEL
INTERFACE
ADRF5720


Similar Part No. - ADRF5720BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5721 AD-ADRF5721 Datasheet
560Kb / 17P
Silicon Digital Attenuator
9/2018-Revision 0
ADRF5721-EVALZ AD-ADRF5721-EVALZ Datasheet
560Kb / 17P
Silicon Digital Attenuator
9/2018-Revision 0
ADRF5721BCCZN AD-ADRF5721BCCZN Datasheet
560Kb / 17P
Silicon Digital Attenuator
9/2018-Revision 0
ADRF5721BCCZN-R7 AD-ADRF5721BCCZN-R7 Datasheet
560Kb / 17P
Silicon Digital Attenuator
9/2018-Revision 0
More results

Similar Description - ADRF5720BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3091A UMS-CHT3091A Datasheet
84Kb / 4P
DC-40GHz ATTENUATOR
CHT3091RCF UMS-CHT3091RCF Datasheet
71Kb / 3P
DC-40GHz Attenuator
CHA3091A UMS-CHA3091A Datasheet
669Kb / 8P
DC-40GHz ATTENUATOR
CHT3091A UMS-CHT3091A_06 Datasheet
669Kb / 8P
DC-40GHz ATTENUATOR
logo
Touchstone Semiconducto...
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
logo
United Monolithic Semic...
CHT3091A UMS-CHT3091A_15 Datasheet
191Kb / 8P
DC-40GHz ATTENUATOR
CHT4694-QAG UMS-CHT4694-QAG_15 Datasheet
701Kb / 14P
25- 40GHz ATTENUATOR
logo
Analog Devices
ADRF5721 AD-ADRF5721 Datasheet
560Kb / 17P
Silicon Digital Attenuator
9/2018-Revision 0
ADRF5730 AD-ADRF5730 Datasheet
640Kb / 19P
Silicon Digital Attenuator
7/2018-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com