Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8551 Datasheet(PDF) 32 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8551 Datasheet HTML 24Page - Analog Devices LT8551 Datasheet HTML 25Page - Analog Devices LT8551 Datasheet HTML 26Page - Analog Devices LT8551 Datasheet HTML 27Page - Analog Devices LT8551 Datasheet HTML 28Page - Analog Devices LT8551 Datasheet HTML 29Page - Analog Devices LT8551 Datasheet HTML 30Page - Analog Devices LT8551 Datasheet HTML 31Page - Analog Devices LT8551 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LT8551
32
Rev 0
ANALOG DEVICES, INC. 2019
06/19
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC3786
38V Low IQ Synchronous Boost Controller 4.5V (Down to 2.5V After Start-Up) ≤ VIN ≤ 38V, VOUT Up to 60V, 50kHz to 900kHz Fixed
Operating Frequency, 3mm×3mm QFN-32, MSOP-16E
LTC3769
60V Low IQ Synchronous Boost Controller 4.5V (Down to 2.3V After Start-up) ≤ VIN≤ 60V, VOUT up to 60V, 50kHz to 900kHz Fixed
Operating Frequency, 4mm×4mm QFN-24, TSSOP-20
LT8550
4-Phase Buck DC/DC Expander
VIN up to 80V, 18 Distinct Phases, 125KHz to 1MHz, Supports Bidirectional Current Flow,
7mm×8mm QFN-52
48V/12.5A Step-Up Expander System
VIN
REG
VIN
INTVCC
POWER STAGE 1
REG
GND
MODE
8551 TA05
ISP
ISN
10
1nF
COUT8,
COUT9
68µF
63V
+
COUT2
4.7µF
x5
+
CIN7
150µF
100V
CIN2
4.7µF
x3
10
464k 7.87k
1nF
100pF
10µF
10
0.22µF
1nF
SENSE–
SENSE+
EXTVCC
BOOST
TG
SW
BG
CIN1
4.7µF
×3
+ C
IN6
150µF
100V
0.22µF
1nF
10nF
COUT6,
COUT7
68µF
63V
+
COUT1
4.7µF
×5
POWER STAGE 2
POWER STAGE 3
POWER STAGE 4
ENOUT
CLK1
TGSR TGSH
BGSH
TGSL
VIN
SHDN
REGIS
REGDRV
REG
PHS1
PHS2
VCC
PHS3
SYNC
ILIM
RT/MS
IAMPP
IAMPN
CLK2
TGBUF
BGBUF
ITH
ILIM
SS
RUN
PLLIN/MODE
VFB
PGOOD
47k
10
10nF
10
47k
30.1k
1nF
47pF
4.7µF
L2
10µH
RS2
3m
L1
10µH
RS1
3m
15k
15nF
100pF
10nF
VBIAS
FREQ
GND
1µF
100V
1µF
100V
39k
LT8551
LTC3769
PINS FOR
POWER
STAGES 2,3,4
13k
160k
2.2µF
1nF
1
LT8551 PINS NOT SHOWN
IN THIS CIRCUIT:
BST2, BST3, BST4
TG2, TG3, TG4,
SW2, SW3, SW4,
BG2, BG3, BG4,
ISP2, ISP3, ISP4,
ISN2, ISN3, ISN4
VIN
5V TO
55V
VIN
MP
VOUT
48V/12.5A
VOUT FOLLOWS VIN
WHEN VIN > 48V
REGSNS
INTVCC
INTVCC
OVMODE
20
12.1k
D2
D1
M1
M6
M2
M7
BST1
SW1
ISN1
ISP1
BG1
TG1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com