Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8551 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8551 Datasheet HTML 24Page - Analog Devices LT8551 Datasheet HTML 25Page - Analog Devices LT8551 Datasheet HTML 26Page - Analog Devices LT8551 Datasheet HTML 27Page - Analog Devices LT8551 Datasheet HTML 28Page - Analog Devices LT8551 Datasheet HTML 29Page - Analog Devices LT8551 Datasheet HTML 30Page - Analog Devices LT8551 Datasheet HTML 31Page - Analog Devices LT8551 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LT8551
29
Rev 0
For more information www.analog.com
24V/25A Step-Up Expander System
Load Step from 10A to 25A, VIN = 18V, TDPN = 5
VIN
REG
VIN
INTVCC
POWER STAGE 1
REG
GND
MODE
8551 TA03a
ISP
ISN
10
1nF
COUT7
100µF
35V
+
COUT2
4.7µF
x4
+
CIN7
270µF
35V
CIN2
4.7µF
x3
10
232k
1nF
100pF
10µF
10
0.22µF
1nF
SENSE–
SENSE+
EXTVCC
BOOST
TG
SW
BG
+
CIN1
4.7µF
×3
CIN6
270µF
35V
0.22µF
1nF
10nF
COUT6
100µF
35V
+
COUT1
4.7µF
×4
POWER STAGE 2
POWER STAGE 3
POWER STAGE 4
ENOUT
CLK1
TGSR TGSH
BGSH
TGSL
SHDN
VIN
REGIS
REGDRV
REG
PHS1
PHS2
VCC
PHS3
SYNC
ILIM
RT/MS
IAMPP
IAMPN
CLK2
TGBUF
BGBUF
ITH
ILIM
SS
RUN
PLLIN/MODE
VFB
PGOOD
47k
10
10nF
10
47k
30.1k
1nF
47pF
4.7µF
L2
3.3µH
RS2
3m
L1
3.3µH
RS1
3m
5.1k
15nF
100pF
10nF
VBIAS
FREQ
GND
1µF
1µF
39k
LT8551
LTC3769
PINS FOR
POWER
STAGES 2,3,4
13k
75k
330kHz
2.2µF
1nF
1
*WHEN VIN < 8V, MAXIMUM LOAD CURRENT AVAILABLE IS REDUCED.
WHEN VIN > VOUT, THE CURRENT SHARING RELIES ON THE
MATCHING OF THE RDS(ON) OF THE N-CHANNEL MOSFETS.
VIN
VIN
5V TO 24V
MP
VOUT
24V/25A*
VOUT FOLLOWS VIN
WHEN VIN > 24V
REGSNS
INTVCC
INTVCC
OVMODE
20
12.1k
D2
D1
M1
M6
M2
M7
BST1
SW1
ISN1
ISP1
BG1
TG1
VIN
D1, D2, ... : BAS140W
MP: ZXMP10A18G
RS1–RS5: PANASONIC ERJMB1SF3M0U
L1–L5: PULSE PA1494.362NL
CIN1–CIN5: TDK C2012X7R1V475K125AC
CIN6–CIN10: PANASONIC EEHC1V271P
COUT1–COUT5: TDK C2012X7R1V475K125AC
COUT6–COUT10: PANASONIC EEHZK1V101P
M1–M5: RENESAS RJK0453
M6–M10: RENESAS RJK0452
TYPICAL APPLICATIONS
400µs/DIV
IL0
5A/DIV
IL1
5A/DIV
IL2
5A/DIV
VOUT
AC COUPLED
500mV/DIV
8551 TA03b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com