Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8551 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8551 Datasheet HTML 12Page - Analog Devices LT8551 Datasheet HTML 13Page - Analog Devices LT8551 Datasheet HTML 14Page - Analog Devices LT8551 Datasheet HTML 15Page - Analog Devices LT8551 Datasheet HTML 16Page - Analog Devices LT8551 Datasheet HTML 17Page - Analog Devices LT8551 Datasheet HTML 18Page - Analog Devices LT8551 Datasheet HTML 19Page - Analog Devices LT8551 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LT8551
16
Rev 0
For more information www.analog.com
OPERATION
Primary Controller’s Switch State Detection
This section discusses a system with multiple LT8551
devices. For a single LT8551 system, simply ignore the
slave LT8551 devices in this discussion.
The primary controller’s switch states are detected by
the master LT8551, and this information is used by both
master and slave LT8551 devices.
The primary controller’s top switch state is sensed by
the master LT8551’s TGSR, TGSH, and TGSL pins, as
shown in Figure 5. This floating top gate logic signal is
converted to a ground based logic signal, and outputted
to the TGBUF pin. The master LT8551’s TGBUF is then
connected to the downstream slaves’ TGSH, as shown in
Figure 5. The slave’s TGSR and TGSL are connected to the
REG and GND respectively. If the (TGSR–TGSL) voltage is
less than 2.3V (typical), the TGBUF pin will be forced to
ground for both of the master and slave LT8551. See the
Applications Information section for more information.
Figure 5.
REG
REG
• • •
8551 F05
MASTER
LT8551
TGBUF
BGBUF
TGSR
TGSH
TGSL
BGSH
RT/MS
PRIMARY
CONTROLLER
BST
TG
SW
BG
SLAVE
LT8551
TGBUF
BGBUF
TGSR
TGSH
TGSL
BGSH
RT/MS
SLAVE
LT8551
TGBUF
BGBUF
TGSR
TGSH
TGSL
BGSH
RT/MS
Gate Sensing in a Multiple LT8551 System
A similar method is used for the primary controller’s bot-
tom switch state detection, also shown in Figure 5. Since
the primary BG is a ground based signal, only one pin
(BGSH) is needed for the primary’s BG detection. Since
the master LT8551 passes the primary’s switch states to
the slaves, this avoids routing the primary’s noisy BST,
TG, SW and BG signals around the board.
Primary Controller’s Inductor Current Sensing
This section discusses a system with multiple LT8551
devices. For a single LT8551 system, simply ignore the
slave LT8551 devices in this discussion.
The primary controller’s inductor current is detected by
the master LT8551, and this information is used by both
the master and slave LT8551 devices.
As shown in Figure 6, the primary controller’s inductor
current is detected by the master LT8551’s ISP and ISN
pins. This signal is amplified, and then outputted to the
master LT8551’s IAMPP pin. For stability purposes, a cap
is required from the IAMPP to GND, and total capaci-
tance must be between 100pF and 470pF. For a slave
LT8551, the ISP and ISN pins are not used and should
be grounded, and the IAMPP is an input pin. To pass the
primary’s inductor current information from the master
LT8551 to the slave LT8551 devices, all LT8551 devices’
IAMPP and IAMPN pins are connected together, respec-
tively. Connect the IAMPN pins to the master LT8551’s
local ground. The IAMPP and IAMPN are connected to the
inputs of a unity gain differential sense amplify (A7 in the
Block Diagram). See the Applications Information section
for more information.
Figure 6.
REG
REG
• • •
RSENSE
8551 F06
MASTER
LT8551
IAMPP
IAMPN
ISN
ISP
RT/MS
SLAVE
LT8551
IAMPP
IAMPN
ISN
ISP
RT/MS
SLAVE
LT8551
IAMPP
IAMPN
ISN
ISP
RT/MS
Primary Regulator’s Switch Current
Sensing in Multiple LT8551 System
The signal across the primary inductor current sense
resistor is only tens of mV. By passing the amplified cur-
rent signal from the master to the slaves, routing sensitive
small signals around the board is avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com