Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8551 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8551 Datasheet HTML 17Page - Analog Devices LT8551 Datasheet HTML 18Page - Analog Devices LT8551 Datasheet HTML 19Page - Analog Devices LT8551 Datasheet HTML 20Page - Analog Devices LT8551 Datasheet HTML 21Page - Analog Devices LT8551 Datasheet HTML 22Page - Analog Devices LT8551 Datasheet HTML 23Page - Analog Devices LT8551 Datasheet HTML 24Page - Analog Devices LT8551 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT8551
21
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
SYNC Pin and Clock Synchronization
The LT8551 has a phase-locked loop (PLL) to synchronize
the internal oscillator to the external clock signal. The
PLL is an edge sensitive digital type that provides zero
degree phase shift between the external clock and internal
oscillators.
To synchronize to an external clock source properly, the
frequency of the external clock source must meet two
criteria listed below:
1. The PLL is guaranteed to work properly only when the
frequency of the external clock source ranges from
125kHz to 1MHz.
2. The external clock can be synchronized to only when
it’s faster than the free-running frequency set by the
RT resistor. If the external clock is lower than fOSC, as
set by RT, the internal oscillator will oscillate at fOSC.
Primary Controller Gate Sensing Filters and Dividers
As has been discussed in the Operation section, the
primary controller’s top and bottom switch states are
detected by the master LT8551 gate sensing pins (i.e.
TGSR, TGSH, TGSL and BGSH). This sensed top gate
signal and bottom gate signal are buffered to the master
LT8551’s TGBUF and BGBUF respectively.
Since the primary controller’s SW node moves fast, an
RC filter RF, CF and bypass capacitor CH must be used,
as shown in Figure 14, to avoid falsely sensing the pri-
mary controller’s top MOSFET’s state. Optional Schottky
clamps close to the TGSL pin of the LT8551 are recom-
mended to prevent the TGSL pin from ringing below
ground or exceeding the pin’s absolute maximum rating if
long traces are used to sense the top gate. Optional filters
are also recommended for both of the primary controller’s
bottom gate sensing and the slave LT8551 devices’ gate
sensing pins, as shown in Figure 14. The time constant
of these filters should be less than 30ns, typical values of
RF = 20Ω, C = 1nF are recommended.
The LT8551 is recommended to work with a primary
controller which has gate driver rail lower than 5.5V. If
the primary has higher than 5.5V gate driver rail, resistor
dividers are required as shown in Figure 15. Use the fol-
lowing equations to design the adequate divider and filter
for the gate sensing or refer to Table 3 for the recom-
mended values:
RF C1C2
C1
+C2
≤ 30ns
CF R5R6
R5
+R6
≤ 30ns
R2
R1
+R2
=
R4
R3
+R4
=
R6
R5
+R6
=
5.5V
Primary's VINTVCC
R1C1
=R2C2
Figure 14.
CF
CH
RF
OPTIONAL
VIN
8551 F14
PRIMARY
CONTROLLER
BST
TG
SW
BG
MASTER
LT8551
TGSR
TGSH
TGSL
BGSH
TGBUF
BGBUF
SLAVE
LT8551
REG
TGSR
TGSH
TGSL
BGSH
Gate Sensing Configuration with Filters
and Schottky Clamps on TGSL
Figure 15.
R4
R2
CH
R1
C2
C1
CF
R6
R5
R3
RF
OPTIONAL
8551 F15
PRIMARY
CONTROLLER
SW
BST
TG
BG
MASTER
LT8551
TGSL
TGSR
TGSH
BGSH
Gate Sensing Configuration when Primary
Gate Driver Rail is Higher than 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com