Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8551 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8551 Datasheet HTML 9Page - Analog Devices LT8551 Datasheet HTML 10Page - Analog Devices LT8551 Datasheet HTML 11Page - Analog Devices LT8551 Datasheet HTML 12Page - Analog Devices LT8551 Datasheet HTML 13Page - Analog Devices LT8551 Datasheet HTML 14Page - Analog Devices LT8551 Datasheet HTML 15Page - Analog Devices LT8551 Datasheet HTML 16Page - Analog Devices LT8551 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT8551
13
Rev 0
For more information www.analog.com
OPERATION
Introduction
The LT8551 is a multiphase expander for synchronous
boost controllers. Each LT8551, which has 8 gate drivers,
can expand up to four phases. Multiple LT8551 devices
can also be used together in a system, and up to 18 dif-
ferent phases can be supported. In addition, the part sup-
ports more than one phase per phase angle.
The ADI proprietary control architecture allows the LT8551
to cycle-by-cycle duplicate the operation of a boost con-
troller (named as Primary Controller). The LT8551 mea-
sures the primary controller’s inductor current as well as
primary controller’s gate driver operation timing, and at
the same time, accurately monitors and adjusts the cur-
rent of each expanded channel to achieve excellent DC and
transient current sharing. The current sharing accuracy
is ±6%, ±6% and ±10% over temperature when ILIM set
at REG, Float and GND, respectively.
In normal operation, the primary boost regulator’s switch
current is compared with the expanded channel’s switch
current by the EA (EA1/2/3/4 in the Block Diagram).
When the primary channel’s current increases, the VC
(VC1/2/3/4 in the Block Diagram) voltage also increases,
which in turn controls the expanded channel’s switches to
increase the current until the expanded channel’s current
matches the primary channel’s current.
System with Multiple LT8551 devices
One LT8551 can expand up to four channels. This config-
uration can provide enough power for most high current
applications. However, for even higher power applications,
the LT8551 can be configured for multi-chip operation.
When two or more LT8551 devices are used together in
a system, one LT8551 is the master and other LT8551
devices are slaves. Connecting a resistor from the RT/MS
pin to ground sets the chip as the master and connecting
the RT/MS pin to REG sets the chip as a slave. When only
one LT8551 is used in a system, this LT8551 needs to be
set as a master.
Stage Shedding Mode
The MODE pin is dedicated for the Stage Shedding fea-
ture. The MODE pin is an output pin for a master LT8551,
and it is an input pin for a slave LT8551.
For a master LT8551, when the MODE pin is floating, the
LT8551 operates in Stage Shedding mode at light loads.
In this case, when the (ISP–ISN) peak voltage is lower
than a certain value for some period of time, the part
turns off channels 1 and 3 to increase overall efficiency.
After channel 1 and 3 are off, if the (ISP–ISN) peak volt-
age is still lower than a certain value for some period of
time, the part also turns off channel 4 and only leaves
channel 2 running. For bidirectional applications, stage
shedding should be disabled when the current is regulated
in the reverse direction. Driving the MODE pin below 0.5V
disables the Stage Shedding feature.
In a multiple LT8551 devices system, all chips’ MODE
pins need to be connected together and leave them float-
ing if the Stage Shedding feature is desired. The mas-
ter LT8551 senses the (ISP–ISN) voltage to decide the
proper operation. The slave LT8551 devices follows the
master LT8551’s Stage Shedding operation with some
delay. Driving all chips’ MODE pins below 0.5V disables
the Stage Shedding feature.
Clock Scheme
This section discusses the LT8551’s clock scheme for a
multiple LT8551 system. This clock scheme can easily
apply to a single LT8551 system by ignoring the slave
LT8551 devices.
A master LT8551 generates two clock signals: CLK1 and
CLK2. In a multiple LT8551 system, as shown in Figure 1,
all LT8551 devices’ CLK2 pins need to be connected
together. The CLK1 signal is at the fundamental switching
frequency (Refer to Internal Oscillator and SYNC Pin and
Clock Synchronization sections for more information),
and it is used to synchronize the primary boost controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com