Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR370BRT-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR370BRT-R2
Description  Precision Low Power 2.048 V SOT-23 Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR370BRT-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADR370BRT-R2 Datasheet HTML 1Page - Analog Devices ADR370BRT-R2 Datasheet HTML 2Page - Analog Devices ADR370BRT-R2 Datasheet HTML 3Page - Analog Devices ADR370BRT-R2 Datasheet HTML 4Page - Analog Devices ADR370BRT-R2 Datasheet HTML 5Page - Analog Devices ADR370BRT-R2 Datasheet HTML 6Page - Analog Devices ADR370BRT-R2 Datasheet HTML 7Page - Analog Devices ADR370BRT-R2 Datasheet HTML 8Page - Analog Devices ADR370BRT-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
ADR370–Typical Performance Characteristics
LOAD – mA
12
–4
–4
5
–3
–2
–1
01234
10
4
2
0
–2
8
6
–40 C
+125 C
+25 C
TPC 1. Load Regulation vs. Load Current
TEMPERATURE – C
2.048
2.036
–40
45
125
2.038
2.040
2.042
2.044
2.046
VIN = 5V
VIN = 15V
TPC 2. Output Voltage vs. Temperature
TEMPERATURE – C
80
20
–40
45
125
30
40
50
60
70
VIN = 5V
VIN = 15V
TPC 3. Supply Current vs. Temperature
TEMPERATURE – C
6
–10
–40
45
125
–8
0
4
VIN 5V TO 15V
–6
–4
–2
2
TPC 4. Line Regulation vs. Temperature
TIME – 0.1s/DIV
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
TPC 5. Voltage Noise 0.1 Hz to 10 Hz
TIME – 0.1s/DIV
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
TPC 6. Voltage Noise 10 Hz to 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com