Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR370BRT-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR370BRT-R2
Description  Precision Low Power 2.048 V SOT-23 Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR370BRT-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADR370BRT-R2 Datasheet HTML 1Page - Analog Devices ADR370BRT-R2 Datasheet HTML 2Page - Analog Devices ADR370BRT-R2 Datasheet HTML 3Page - Analog Devices ADR370BRT-R2 Datasheet HTML 4Page - Analog Devices ADR370BRT-R2 Datasheet HTML 5Page - Analog Devices ADR370BRT-R2 Datasheet HTML 6Page - Analog Devices ADR370BRT-R2 Datasheet HTML 7Page - Analog Devices ADR370BRT-R2 Datasheet HTML 8Page - Analog Devices ADR370BRT-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
ADR370
–3–
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Storage Temperature Range
RT Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +125°C
Lead Temperature Range
Soldering, 60 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared, 15 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Absolute maximum ratings apply at 25
°C, unless otherwise noted.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADR370 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Output
Initial
Temperature
Number
Voltage
Accuracy
Coefficient
Package
Package
of Parts
Temperature
Model
(VO)(mV) (%)
(ppm/
°C)
Description
Option
Branding per Reel
Range
ADR370BRT-R2
2.048
±4
0.5
50
SOT-23
3-Lead
RPB
250
–40
°C to +125°C
ADR370BRT-REEL7
2.048
±4
0.2
50
SOT-23
3-Lead
RPB
3,000
–40
°C to +125°C
ADR370ART-R2
2.048
±10
0.5
100
SOT-23
3-Lead
RPA
250
–40
°C to +125°C
ADR370ART-REEL7 2.048
±10
0.5
100
SOT-23
3-Lead
RPA
3,000
–40
°C to +125°C
Package Type
JA
JC
Unit
3-SOT-23 (RT)
220
102
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com