Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR370BRT-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR370BRT-R2
Description  Precision Low Power 2.048 V SOT-23 Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR370BRT-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADR370BRT-R2 Datasheet HTML 1Page - Analog Devices ADR370BRT-R2 Datasheet HTML 2Page - Analog Devices ADR370BRT-R2 Datasheet HTML 3Page - Analog Devices ADR370BRT-R2 Datasheet HTML 4Page - Analog Devices ADR370BRT-R2 Datasheet HTML 5Page - Analog Devices ADR370BRT-R2 Datasheet HTML 6Page - Analog Devices ADR370BRT-R2 Datasheet HTML 7Page - Analog Devices ADR370BRT-R2 Datasheet HTML 8Page - Analog Devices ADR370BRT-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
ADR370–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage (@ 25
°C)
VO
2.044
2.048 2.052
V
Initial Accuracy Error
A Grade
VOERR
–10
+10
mV
VOERR
–0.5
+0.5
%
B Grade
VOERR
–4+4
mV
VOERR
–0.2
+0.2
%
Output Voltage Temperature Drift
A Grade
TCVO
–40
°C to +125°C
100
ppm/
°C
B Grade
TCVO
–40
°C to +125°C50
ppm/
°C
TCVO
25
°C to 70°C30
ppm/
°C
Supply Headroom
VIN – VOUT
200
mV
Load Regulation
0 mA < IOUT < 5 mA @ 25
°C
–0.200
+0.200
mV/mA
–3 mA < IOUT < 0 mA @ 25
°C
–0.480
+0.480
mV/mA
–0.1 mA < IOUT < +0.1 mA
–0.425
+0.425
mV/mA
Line Regulation
VOUT 200 mV < VIN < 15 V
20
ppm/V
IOUT = 0 mA
Ripple Rejection
∆VOUT/∆VIN VIN = 5 V ± 100 mV (f = 120 Hz)
80
dB
Quiescent Current
72
µA
Short-Circuit Current to Ground
15
µA
Noise Voltage (@ 25
°C)
0.1 Hz to 10 Hz
70
µV p-p
10 Hz to 10 kHz
50
µV rms
Turn-On Settling Time
CL = 0.2
µF
100
µs
Long Term Stability
1,000 Hours @ 25
°C
100
ppm/1,000 hrs
Output Voltage Hysteresis
115
ppm
Temperature Range
–40
+125
°C
*Guaranteed by characterization.
Specifications subject to change without notice.
(TA = TMIN to TMAX, VIN = 5 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com