Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR370BRT-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR370BRT-R2
Description  Precision Low Power 2.048 V SOT-23 Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR370BRT-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADR370BRT-R2 Datasheet HTML 1Page - Analog Devices ADR370BRT-R2 Datasheet HTML 2Page - Analog Devices ADR370BRT-R2 Datasheet HTML 3Page - Analog Devices ADR370BRT-R2 Datasheet HTML 4Page - Analog Devices ADR370BRT-R2 Datasheet HTML 5Page - Analog Devices ADR370BRT-R2 Datasheet HTML 6Page - Analog Devices ADR370BRT-R2 Datasheet HTML 7Page - Analog Devices ADR370BRT-R2 Datasheet HTML 8Page - Analog Devices ADR370BRT-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
ADR370*
Precision Low Power 2.048 V
SOT-23 Voltage Reference
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
*Protected by U.S.Patent No. 5,969,657; other patents pending.
PIN CONFIGURATION
3-Lead SOT-23
1
3
2
VIN
VOUT
ADR370
GND
Table I. ADR370 Products
Output
Initial
Temperature
Voltage
Accuracy
Coefficent
Products
(VO)
(mV) (%)
(ppm/
°C)
ADR370BRT-REEL7
2.048
4
0.2
50
ADR370ART-REEL7
2.048
10
0.5
100
FEATURES
Initial Accuracy:
4 mV Max
Initial Accuracy Error:
0.2%
Low TCVO:
50 ppm/ C Max from –40 C to +125 C,
30 ppm/ C Max from +25 C to +70 C
Load Regulation: 200
V/mA, 100 ppm/mA
Line Regulation: 25
V/V, 20 ppm/V
Wide Operating Range: VIN = 2.3 V to 15 V
Low Power: 72
A Max
High Output Sink/Source Current:
5 mA Min
Wide Temperature Range: –40 C to +125 C
Tiny 3-Lead SOT-23 Package with Standard Pinout
APPLICATIONS
Battery-Powered Instrumentation
Portable Medical Instruments
Data Acquisition Systems
Industrial Process Control Systems
Automotive
GENERAL DESCRIPTION
The ADR370 is a low cost, 3-terminal (series) band-gap voltage
reference featuring high accuracy, high stability, and low power
consumption packaged in a tiny 3-lead SOT-23 package. Precise
matching and thermal tracking of on-chip components, as well as
patented temperature drift curvature correction design techniques,
have been employed to ensure that the ADR370 provides an
accurate 2.048 V output.
This micropowered, low dropout voltage device will source or
sink up to 5 mA of load current while providing a stable 2.048 V
output. The compact footprint, high accuracy, and an operating
range of 2.3 V to 12 V make the ADR370 ideal for use in 3 V
and 5 V systems where there may be wide variations in supply
voltage and a need to minimize power dissipation.
The ADR370 is offered in A and B grades; all devices are specified
over the extended industrial range of –40
°C to +125°C.


Similar Part No. - ADR370BRT-R2

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
ADR30L MIC-ADR30L Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADR30M MIC-ADR30M Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADR30Z MIC-ADR30Z Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
logo
Analog Devices
ADR318 AD-ADR318 Datasheet
492Kb / 8P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV.0
ADR318 AD-ADR318 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results

Similar Description - ADR370BRT-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR380 AD-ADR380 Datasheet
316Kb / 12P
Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
7/04-Data Sheet Changed from Rev. 0 to Rev. A.
ADR390 AD-ADR390 Datasheet
402Kb / 20P
Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
5/05-Rev. E to Rev. F
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
Analog Devices
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com