Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR370BRT-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR370BRT-R2
Description  Precision Low Power 2.048 V SOT-23 Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR370BRT-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR370BRT-R2 Datasheet HTML 4Page - Analog Devices ADR370BRT-R2 Datasheet HTML 5Page - Analog Devices ADR370BRT-R2 Datasheet HTML 6Page - Analog Devices ADR370BRT-R2 Datasheet HTML 7Page - Analog Devices ADR370BRT-R2 Datasheet HTML 8Page - Analog Devices ADR370BRT-R2 Datasheet HTML 9Page - Analog Devices ADR370BRT-R2 Datasheet HTML 10Page - Analog Devices ADR370BRT-R2 Datasheet HTML 11Page - Analog Devices ADR370BRT-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
–8–
ADR370
12-Bit Precision Programmable Current Source
By replacing the potentiometer in Figure 6 with a 12-bit precision
DAC like the AD5322, a higher precision programmable current
source can be achieved. Figure 7 illustrates the implementation
of this circuit. The load current can be determined with the
following equation.
I
VD
R
L
REF
SET
=
−
()
×
1
4096
(6)
The compliance voltage should be kept low so that the supply
voltage to U2, between VDD and GND, does not fall below 2.5 V.
VIN
U1
U2
+5V
V+
V–
1
11
U3
2
3
VREF (1 – D2/N)
+5V
OP1177
AD5322
–5V
ADR370
VOUT
GND
+5V
VL
RL
RSET
TOL
±0.05%
IL
VIN
VDD
VO
GND
Figure 7. 12-Bit Programmable Current Source
Precision Boosted Output Regulator
A precision voltage output with boosted current can be realized
with the circuit shown in Figure 8. In this circuit, VO is maintained
by the ADR370 at 2.048 V.
The ADR370 sources a maximum of 5 mA if the load current,
IL, is more than 5 mA, current is furnished by the transistor, Q1,
and the input voltage supply VDD.
VIN
R1
10k
RL
IL
ADR370
VOUT
GND
VDD
Q1
2N3906
4V TO 12V
Figure 8. Precision Boosted Output Regulator
Q1 will be turned on to regulate current as needed. R1 is required
to bias the base of Q1 and must be large enough to comply with
the supply current requirements of the ADR370. The supply
voltage can be as low as 4 V.
The maximum current output of this circuit is limited by the
power dissipation of the bipolar transistor, Q1.
PV
I
DISS
DD
L
=−
()×
2 048
.
(7)
Using the 2N3906 PNP transistor shown in Figure 8 and a 4 V
power supply, RL should be chosen so that a maximum of 100 mA
is drawn from the circuit, which limits the power dissipation of
Q1 to ~200 mW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com