Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM372F400CS Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KMM372F400CS
Description  4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F400CS Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KMM372F400CS Datasheet HTML 2Page - Samsung semiconductor KMM372F400CS Datasheet HTML 3Page - Samsung semiconductor KMM372F400CS Datasheet HTML 4Page - Samsung semiconductor KMM372F400CS Datasheet HTML 5Page - Samsung semiconductor KMM372F400CS Datasheet HTML 6Page - Samsung semiconductor KMM372F400CS Datasheet HTML 7Page - Samsung semiconductor KMM372F400CS Datasheet HTML 8Page - Samsung semiconductor KMM372F400CS Datasheet HTML 9Page - Samsung semiconductor KMM372F400CS Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DRAM MODULE
KMM372F410CK/CS
KMM372F400CK/CS
NOTES
An initial pause of 200us is required after power-up followed
by any 8 RAS-only or CAS-before-RAS refresh cycles before
proper device operation is achieved.
Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are
reference levels for measuring timing of input signals. Transi-
tion times are measured between VIH(min) and VIL(max) and
are assumed to be 5ns for all inputs.
Measured with a load equivalent to 1TTL loads and 100pF.
Voh=2.0V and Vol=0.8V.
Operation within the
tRCD(max) limit insures that tRAC(max)
can be met.
tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then
access time is controlled exclusively by
tCAC.
Assumes that
tRCD
≥tRCD(max).
This parameter defines the time at which the output achieves
the open circuit condition and is not referenced to VOH or
VOL.
tWCS, tRWD, tCWD and tAWD are non restrictive operating
parameter. They are included in the data sheet as electrical
characteristics only. If
tWCS
≥tWCS(min) the cycle is an early
write cycle and the data out pin will remain high impedance
for the duration of the cycle.
If
tCWD
≥tCWD(min), tRWD≥tRWD(min) and tAWD≥tAWD (min),
then the cycle is a read-write cycle and the data output will
contain data read from the selected address. If neither of the
above conditions are satisfied, the condition of the data out
is indeterminated.
Either
tRCH or tRRH must be satisfied for a read cycle.
These parameters are referenced to the CAS leading edge in
early write cycles and to the W leading edge in read-write
cycles.
Operation within the
tRAD(max) limit insures that tRAC(max)
can be met.
tRAD(max) is specified as reference point only. If
tRAD is greater than the specified tRAD(max) limit, then
access time is controlled by
tAA.
tCEZ(max), tREZ(max), tWEZ(max) and tOEZ(max) define the
time at which the output achieves the open circuit condition
and are not referenced to output voltage level.
If RAS goes to high before CAS high going, the open circuit
condition of the output is achieved by CAS high going. If CAS
goes to high before RAS high going , the open circuit condi-
tion of the output is achieved by RAS high going.
tASC
≥tCP min
The timing skew from the DRAM to the DIMM resulted from
the addition of buffers.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
12.
13.
11.
14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com